Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS28W
Description  Silicon Switching Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS28W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS28W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS28W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOT-343
Unit: mm
Silicon Switching Diode Array
BAS28W
Features
For high-speed switching applications
Electrical insulated diodes
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S y m bol
V a lu e
U nit
D iode re v e rs e v oltage
V R
75
V
P eak re v e rs e v oltage
V RM
85
V
F o rw ard c urrent
IF
200
m A
S u rg e fo rw a rd c u rre n t, t = 1
s
IFS
4.5
A
T o ta l pow er dissipation, T S = 103
P tot
250
m W
Junction te m perature
T j
150
S torage te m perature range
T stg
-5 5to+ 1 5 0
Junction - a m b ient
1)
R th JA
460
K/W
Junction - s olderin g point
R th JS
190
K/W
No te
1.P a ckage m ounted on epoxy p cb 40m m
40m m
1.5m m / 0.5cm
2 Cu


Similar Part No. - BAS28W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS28W SIEMENS-BAS28W Datasheet
37Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Electrical insulated diodes)
logo
Infineon Technologies A...
BAS28W INFINEON-BAS28W Datasheet
439Kb / 4P
Silicon Switching Diode
Feb-21-2003
BAS28W INFINEON-BAS28W Datasheet
93Kb / 7P
Silicon Switching Diode
2007-04-19
BAS28W INFINEON-BAS28W Datasheet
93Kb / 7P
For high-speed switching applications
2007-04-19
logo
Goodwork Semiconductor ...
BAS28WF-CAR GWSEMI-BAS28WF-CAR Datasheet
174Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results

Similar Description - BAS28W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBD2835 SIEMENS-SMBD2835 Datasheet
100Kb / 4P
Silicon Switching Diode Array
SMBD2837 SIEMENS-SMBD2837 Datasheet
100Kb / 4P
Silicon Switching Diode Array
SMBD6100 SIEMENS-SMBD6100 Datasheet
99Kb / 4P
Silicon Switching Diode Array
SMBD7000 SIEMENS-SMBD7000 Datasheet
99Kb / 4P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BAV74 INFINEON-BAV74 Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
BGX50A INFINEON-BGX50A Datasheet
39Kb / 4P
Silicon Switching Diode Array
Jul-31-2001
SMBD7000 INFINEON-SMBD7000 Datasheet
444Kb / 4P
Silicon Switching Diode Array
Mar-10-2004
logo
Guangdong Kexin Industr...
BAW101 KEXIN-BAW101 Datasheet
38Kb / 2P
Silicon Switching Diode Array
BAW100 KEXIN-BAW100 Datasheet
39Kb / 2P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BGX50A INFINEON-BGX50A_07 Datasheet
69Kb / 6P
Silicon Switching Diode Array
2007-03-27
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com