Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HTW Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBD4448HTW
Description  Surface Mount Fast Switching Diode Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBD4448HTW Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBD4448HTW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBD4448HTW Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
2
MMBD4448HTW
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Reverse Breakdown Voltage (*)
V(BR)R
IR = 100
A
80
V
IF = 5.0mA
0.62
0.72
IF = 10mA
0.855
IF = 100mA
1.0
IF = 150mA
1.25
VR = 70V
100
nA
VR = 75V, Tj = 150
50
A
VR = 25V, Tj = 150
30
A
VR = 20V
25
nA
Total Capacitance
CT
VR = 6V, f = 1.0MHz
3.5
pF
Reverse Recovery Time
trr
VR =6V, IF =5mA
4.0
ns
* Short duration test pulse used to minimize self-heating effect.
Forward Voltage (*)
VF
V
Reverse Current (*)
IR
Marking
Marking
KAA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com