Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KX42351NA Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX42351NA
Description  LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX42351NA Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KX42351NA Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX42351NA Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX42351NA Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.kexin.com.cn
2
KX42351
Ta = 25
VDD(max)
6V
VDD(min)
2.7
V
Tamb
0
+70
V
Tst
-40
+150
mA
KX42351
LED
LED
LED
IC
IC
IC
LED
VF
LED
LED
KX42351
IC
LED
LED
LED
LED
KX42351
LED
1A
LED
SMD Type
IC
Ta = 25
IOUT = 335mA)
VDD
2.7
6
V
IQ
160
200
A
IOUT
2.7V
VIN
6V
320
335
350
mA
IOUT
VIN *IOUT
Vdropout
I = 335mA , VOUT
120
mV
NMOS
Ileak
VOUT =5V
0.1
1
A
Tj(sd)
140
Thyst
20
%/V
2.7V
VIN
6V
2.08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com