Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAV20WS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAV20WS
Description  Surface Mount Fast Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAV20WS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAV20WS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Surface Mount Fast Switching Diode
KAV19WS - KAV21WS
(BAV19WS - BAV21WS)
Features
Fast switching speed
Suface mount package ldeally suited for automatic insertion
For general purpose switching applications
High Conductance
Electrical Characteristics Ta = 25
Symbol Testconditons
Min
Typ
Max
Unit
KAV19WS
120
KAV20WS
200
KAV21WS
250
IF = 100mA
1.0
IF = 200mA
1.25
Peak Reverse Current
Tj = 25
100
nA
@ Rated DC Blocking Voltage*
Tj = 100
15
A
Cj
VR = 0V, f = 1.0MHz
5.0
pF
trr
IF =IR =30mA,Irr =0.1 XIR,RL =100
50
ns
* Short duration pulse test used to minimize self-heating effect.
Parameter
Reverse breakdown voltage*
V (BR)R
IRM
V
IR=100
A
V
Reverse Recovery Time
Forward Voltage *
VFM
Junction Capacitance
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
KAV19WS KAV20WS KAV21WS
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak repetitive peak reverse voltage
VRRM
Working peak
VRWM
DC blocking voltage
VR
RMS reverse voltage
VR(RMS)
71
106
141
V
Average Rectifed Output Current
IO
mA
Forward continuous current
IFM
mA
Non-Repetitive Peak Forward Surge Curren @t=1.0
s
@t=1.0s
Non-Repetitive Peak Forward Surge Curren
IFRM
mA
Power dissipation
Pd
mW
Thermal resistance junction to ambient
RèJA
/W
Operating and Storage Temperature Range
Tj ,TSTG
IFSM
2.5
0.5
A
-65to+150
400
625
200
625
200
V
100
150
200
Marking
NO.
KAV19WS
KAV20WS
KAV21WS
Marking
A8orT2orT3
T2orT3
T3


Similar Part No. - KAV20WS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KAV20W KEXIN-KAV20W Datasheet
39Kb / 1P
Surface Mount Switching Diode
More results

Similar Description - KAV20WS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com