Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOIM3232 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # TOIM3232
Description  Infrared IrDA Integrated Interface Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TOIM3232 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  TOIM3232 Datasheet HTML 1Page - TEMIC Semiconductors TOIM3232 Datasheet HTML 2Page - TEMIC Semiconductors TOIM3232 Datasheet HTML 3Page - TEMIC Semiconductors TOIM3232 Datasheet HTML 4Page - TEMIC Semiconductors TOIM3232 Datasheet HTML 5Page - TEMIC Semiconductors TOIM3232 Datasheet HTML 6Page - TEMIC Semiconductors TOIM3232 Datasheet HTML 7Page - TEMIC Semiconductors TOIM3232 Datasheet HTML 8Page - TEMIC Semiconductors TOIM3232 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TOIM3000/3232
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A4, 26-Mar-96
5 (9)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply voltage
VCC
– 0.5
7
V
Input/ output voltage
– 0.5
VCC
+ 0.5
V
All pins
Output sinking current
Iout
8
mA
All pins
Junction temperature
Tj
125
°C
Ambient temperature
(operating)
Tamb
0
70
°C
Storage temperature
Tstg
– 25
85
°C
Soldering temperature
Tsldr
215
230
°C
t = 20 s @ 215
°C
DC Characteristics
Specified at VCC = 5 V
± 10% **), operating temperature 0 to 70°C
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Input HIGH voltage
VIH
2.2
V
Input LOW voltage
VIL
0.8
V
Schmitt trigger
Positive threshold
Negative threshold
VT+
VT–
1.1
1.4
V
V
Input leakage
No pull-up/ down
VIN = VDD or GND
IL
"1
"5
mA
Output HIGH voltage
IOH = –3.2 mA
VOH
2.4
V
Output LOW voltage
IOL = + 3.2 mA
VOL
0.4
V
Current consumption
Standby
Dynamic
Inputs grounded, no output
load, VCC = 5 V, T = 25 °C
ISB
IDD
2
1
mA
mA
**) Operation at VCC = 3 V is also specified. For data compare TEMIC Matra MHS ULC technology data sheet.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com