Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1213 Datasheet(PDF) 1 Page - Advanced Technical Materials Inc.

Part # P1213
Description  PHASE SHIFTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

P1213 Datasheet(HTML) 1 Page - Advanced Technical Materials Inc.

  P1213 Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
49 Rider Ave, Patchogue, NY 11772
Phone: 631-289-0363
Fax: 631-289-0358
E-mail: atmemail@juno.com
Web: www.atmmicrowave.com
3
For a wide variety of
Model No.*
Model No.*
Freq
Phase
I.L.
VSWR
(SMA)
(Type N)
(GHz)
Adjust (min) (dB max)
(max)
P1503
P2503
DC-2.3
60°/GHz
0.5
1.5
P1504
P2504
DC-4.3
60°/GHz
0.5
1.5
P1505
P2505
DC-8.2
60°/GHz
0.6
1.5
P1506
P2506
DC-12.7
60°/GHz
0.7
1.5
P1507
P2507
DC-18.6
60°/GHz
1.0
1.6
P150C-180
P250C-180
5.85-6.5
0-180
0.6
1.5
P150C-360
P250C-360
5.85-6.5
0-360
0.6
1.5
P150X-180
P250X-180
7.9-8.4
0-180
0.7
1.5
P150X-360
P250X-360
7.9-8.4
0-360
0.7
1.5
P150K-180
P250K-180
12.0-14.5
0-180
1.0
1.6
P150K-360
P250K-360
12.0-14.5
0-360
1.0
1.6
P150CK-180 P250CK-180
5.85-14.5
0-180
**
**
P150CK-360 P250CK-360
5.85-14.5
0-360
**
**
P1508-360
N/A
18.0-26.5
0-360
1.5
1.8
P1509-360
N/A
26.5-40
0-360
2.5
2.0
**See above P/N’s For specifications in each band
* For a Digital Counting Dial add “D” suffix to model number
* For a Digital Counting Dial add “D” suffix to model number
* For a Digital Counting Dial add “D” suffix to model number
SATCOM MODELS
P150 and P250 series
Mechanical Adjustment with Screw Driver Shaft and Lock.
For Digital Counting Dial add “D” suffix to the Model Number
Phase Shift is linear with frequency and continuously variable.
Model No.*
Model No.*
Freq
Phase
I.L.
VSWR
(SMA)
(Type N)
(GHz)
Adjust (min)
(dB max) (max)
P1603
P2603
DC-2.3
90°/GHz
0.5
1.5
P1604
P2604
DC-4.3
90°/GHz
0.5
1.5
P1605
P2605
DC-8.2
90°/GHz
0.6
1.5
P1606
P2606
DC-12.7
90°/GHz
0.7
1.5
P1607
P2607
DC-18.6
90°/GHz
1.0
1.6
P160 and P260 series
Standard Size
7” X 2” X 1”
Model No.*
Model No.*
Freq
Phase
I.L.
VSWR
(SMA)
(Type N)
(GHz)
Adjust (min) (dB max) (max)
P1213
P2213
DC-2.3
180°/GHz
0.6
1.3
P1214
P2214
DC-4.3
180°/GHz
0.7
1.5
P1102
P2102
DC-1.0
360°/GHz
0.5
1.3
P1103
P2103
DC-2.5
360°/GHz
0.8
1.5
series
P1210, P2210,
P1100 and P2100
Standard Size
180°
12” X 2” X 1”
360°
24” X 3” X 1.2”
Standard Size
5.5” X 2” X 1”
PHASE SHIFTERS
Standard Type
“D” Option
24.25
3.00
RF Power: 100 Watt Average
3 KW Peak
RF Connectors:
SMA Female or
Type N Female
Standard Models are supplied with lock nut & Knob
For Digital Counting Dial add“D” suffix to Model number
For Direct Reading Dial add “DRE” suffix to Model number
For 28 Volt Motor Driver add-28 to the Model number
2.00
1.00
2.00
1.00
5.50
5.50
2.00
1.00
7.00
12.00
1.00
2.00
1.21
Digital Counting Dial
Motor Drive
Standard Type
Direct Reading
Phase Shifter Drive Options
Phase Shifter Drive Options


Similar Part No. - P1213

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P1213 ATM-P1213 Datasheet
122Kb / 1P
2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
More results

Similar Description - P1213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEF-03A ETC2-PEF-03A Datasheet
91Kb / 1P
PHASE SHIFTERS
logo
Merrimac Industries, In...
PEF-03A-500B MERRIMAC-PEF-03A-500B Datasheet
91Kb / 1P
PHASE SHIFTERS
PEG-3E-25B MERRIMAC-PEG-3E-25B Datasheet
105Kb / 1P
PHASE SHIFTERS
PEP-3R-60 MERRIMAC-PEP-3R-60 Datasheet
70Kb / 1P
PHASE SHIFTERS
PEP-4S-10B MERRIMAC-PEP-4S-10B Datasheet
127Kb / 1P
PHASE SHIFTERS
PSE-3 MERRIMAC-PSE-3 Datasheet
122Kb / 2P
PHASE SHIFTERS
PSEF-3E-10B MERRIMAC-PSEF-3E-10B Datasheet
86Kb / 1P
PHASE SHIFTERS
PSES-4-5B MERRIMAC-PSES-4-5B Datasheet
102Kb / 1P
PHASE SHIFTERS
logo
Yantel Corporation
P12109C YANTEL-P12109C Datasheet
422Kb / 3P
Phase Shifters
P12110C YANTEL-P12110C Datasheet
493Kb / 3P
Phase Shifters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com