Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3734 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3734
Description  NPN Silicon Epitaxia
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3734 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3734 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Silicon Epitaxia
2SC3734
Features
High speed : tstg
200ns.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
6V
Collector current
IC
200
mA
Total power dissipation
at 25
ambient temperature
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
PT
200
mW
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =30V, IE=0
100
nA
Emitter cutoff current
IEBO
VEB =3V, IC=0
100
nA
DC current gain *
hFE
VCE =1V , IC = 10mA
75
200
300
Collector-emitter saturation voltage *
VCE(sat) IC =50mA , IB = 5mA
0.12
0.3
V
Base-emitter saturation voltage *
VBE(sat) IC =50mA , IB =5mA
0.8
0.95
V
Gain bandwidth product
fT
VCE =20V , IE = -10mA
300
510
MHz
Output capacitance
Cob
VCB =5V , IE = 0 , f = 1.0MHz
3.0
4.0
pF
Turn-on time
ton
VCC =3V ,
70
ns
Storage time
tstg
IC = 10mA ,
100
200
ns
Turn-off time
toff
IB1 =-IB2 =1mA
250
ns
*. PW
350ìs,duty cycle
2%
hFE Classification
Marking
B22
B23
B24
hFE
75
150
100 200
150 300


Similar Part No. - 2SC3734

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3734 NEC-2SC3734 Datasheet
233Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
SHENZHEN YONGERJIA INDU...
2SC3734 WINNERJOIN-2SC3734 Datasheet
94Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3734-3 KEXIN-2SC3734-3 Datasheet
1Mb / 3P
NPN Transistors
2SC3734-B22 KEXIN-2SC3734-B22 Datasheet
1Mb / 3P
NPN Transistors
2SC3734-B22 KEXIN-2SC3734-B22 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC3734

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3739 KEXIN-2SC3739 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD780 KEXIN-2SD780 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD2230 KEXIN-2SD2230 Datasheet
35Kb / 1P
NPN Silicon Epitaxia
2SC3618 KEXIN-2SC3618 Datasheet
51Kb / 1P
NPN Silicon Epitaxia
2SD1005 KEXIN-2SD1005 Datasheet
52Kb / 1P
NPN Silicon Epitaxia
2SD2403 KEXIN-2SD2403 Datasheet
52Kb / 2P
NPN Silicon Epitaxia
2SC4173 KEXIN-2SC4173 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC4178 KEXIN-2SC4178 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC3518-Z KEXIN-2SC3518-Z Datasheet
40Kb / 1P
NPN Silicon Epitaxia
2SC4332-Z KEXIN-2SC4332-Z Datasheet
43Kb / 2P
NPN Silicon Epitaxia
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com