Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2883 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2883
Description  Audio Frequency Amplifier Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2883 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2883 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2883 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Audio Frequency Amplifier Applications
2SC2883
Features
Suitable For Output Stage of 3 Watts Amplifier
Small Flat Package
PC = 1 to 2W (mounted on ceramic substrate)
Complementary to 2SA1203
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5V
Collector Current
IC
1.5
A
Base Current
IB
0.3
A
PC
500
PC*
1000
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on a ceramic substrate (250 mm
2 x 0.8 t)
Collector Power Dissipation
mW
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB = 30V , IE =0
0.1
ìA
Emitter Cut-off Current
IEBO
VEB =5V , IC =0
0.1
ìA
Collector-Emitter Breakdown Voltage
V(BR)CEO IC = 10mA , IB =0
30
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE =1mA , IC =0
5
V
DC Current Gain
hFE
VCE =2V , IC = 500mA
100
320
Collector-Emitter Saturation Voltage
VCE(sat) IC =1.5A , IB = 0.03A
2
V
Base-Emitter Voltage
VBE
VCE =2V , IC = 500mA
1
V
Transition Frequency
fT
VCE =2V , IC = 500mA
120
MHz
Collector Output Capacitance
Cob
VCB = 10V , IE = 0 , f = 1MHz
40
pF


Similar Part No. - 2SC2883

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2883 TOSHIBA-2SC2883 Datasheet
157Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APLICATIONS)
2SC2883 TOSHIBA-2SC2883 Datasheet
124Kb / 4P
Audio Frequency Amplifier Applications
logo
SeCoS Halbleitertechnol...
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC2883 HTSEMI-2SC2883 Datasheet
852Kb / 3P
TRANSISTOR(NPN)
logo
MAKO SEMICONDUCTOR CO.,...
2SC2883 MAKOSEMI-2SC2883 Datasheet
117Kb / 2P
Low voltage
More results

Similar Description - 2SC2883

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
Audio Frequency Amplifier Applications
2SA1360 TOSHIBA-2SA1360_07 Datasheet
126Kb / 5P
Audio Frequency Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com