Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4541 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4541
Description  Power Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4541 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4541 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4541 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC4541 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Power Switching Applications
2SC4541
Features
Low Saturation Voltage: VCE(sat) =0.5V (max) (IC =1.5A)
High Speed Switching Time: tstg = 0.5ìs(typ.)
Small Flat Package
PC = 1 to 2W (mounted on ceramic substrate)
Complementary to 2SA1736
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6V
Collector Current
IC
3A
Base Current
IB
0.6
A
PC
500
PC*
1000
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on a ceramic substrate (250 mm
2 x 0.8 t)
Collector Power Dissipation
mW
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB =80V , IE =0
0.1
ìA
Emitter Cut-off Current
IEBO
VEB =6V , IC =0
0.1
ìA
Collector-Emitter Breakdown Voltage
V(BR)CEO IC =10mA , IB =0
50
V
VCE =2V , IC = 100mA
120
400
VCE =2V , IC =2A
40
Collector-Emitter Saturation Voltage
VCE(sat) IC =1.5A , IB =75mA
0.5
V
Base-Emitter Saturation Voltage
VBE(sat) IC =1.5A , IB =75mA
1.2
V
Transition Frequency
fT
VCE =2V , IC = 100mA
100
MHz
Collector Output Capacitance
Cob
VCB =10V , IE =0, f =1MHz
20
pF
Turn-On Time
ton
0.1
Storage Time
tstg
0.5
Fall Time
tf
0.1
DC Current Gain
hFE
ìs
See Test Circuit.


Similar Part No. - 2SC4541

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4541 TOSHIBA-2SC4541 Datasheet
178Kb / 4P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC4541 TOSHIBA-2SC4541 Datasheet
171Kb / 5P
Power Amplifier Applications Power Switching Applications
2SC4541 TOSHIBA-2SC4541_04 Datasheet
171Kb / 5P
Power Amplifier Applications Power Switching Applications
More results

Similar Description - 2SC4541

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1315 TOSHIBA-2SA1315_07 Datasheet
155Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
Power Amplifier Applications Power Switching Applications
2SC3076 TOSHIBA-2SC3076_05 Datasheet
176Kb / 5P
Power Amplifier Applications Power Switching Applications
2SC3267 TOSHIBA-2SC3267_03 Datasheet
126Kb / 3P
Power Amplifier Applications Power Switching Applications
2SC4409 TOSHIBA-2SC4409_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power switching applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com