Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF824W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BF824W
Description  PNP Medium Frequency Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BF824W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BF824W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
PNP Medium Frequency Transistor
BF824W
Features
Low current (max. 25 mA).
Low voltage (max. 30 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-30
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-4
V
Collector current
IC
-25
mA
Peak collector current
ICM
-25
mA
Total power dissipation *
Ptot
200
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Ramb
-65to+150
Thermal resistance from junction to ambient *
Rth j-a
625
K/W
* Transistor mounted on an FR4 printed-circuit board.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IE =0; VCB = -30 V
-50
nA
IE =0; VCB = -30 V; Tj = 150
-10
ìA
Emitter cutoff current
IEBO
IC =0; VEB =-4V
-100
nA
IC =-1mA; VCE =-10 V
25
IC =-4mA; VCE =-10 V
25
Base to emitter voltage
VBE
IC =-4mA; VCE =-10 V
-900
mV
Feedback capacitance
Crb
IC =0; VCE = -10 V; f = 1 MHz
0.3
pF
Transition frequency
fT
VCE =-10 V; f = 100MHz;
IC =-1mA
IC =-4mA
IC =-8mA
250
400
390
MHz
hFE
DC current gain
Collector cutoff current
ICBO
Marking
Marking
F8


Similar Part No. - BF824W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF824W PHILIPS-BF824W Datasheet
44Kb / 8P
PNP medium frequency transistor
1999 Apr 15
BF824W NXP-BF824W Datasheet
105Kb / 6P
PNP medium frequency transistor
1999 Apr 15
logo
Nexperia B.V. All right...
BF824W NEXPERIA-BF824W Datasheet
282Kb / 7P
PNP medium frequency transistor
1999 Apr 15
logo
NXP Semiconductors
BF824W PHILIPS-BF824W_15 Datasheet
105Kb / 6P
PNP medium frequency transistor
1999 Apr 15
More results

Similar Description - BF824W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF450 PHILIPS-BF450 Datasheet
54Kb / 8P
PNP medium frequency transistor
1997 Jul 11
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
BF824 PHILIPS-BF824 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
BF824W PHILIPS-BF824W Datasheet
44Kb / 8P
PNP medium frequency transistor
1999 Apr 15
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824 NXP-BF824 Datasheet
104Kb / 6P
PNP medium frequency transistor
2004 Jan 16
BF824 PHILIPS-BF824_15 Datasheet
104Kb / 6P
PNP medium frequency transistor
2004 Jan 16
BF824W PHILIPS-BF824W_15 Datasheet
105Kb / 6P
PNP medium frequency transistor
1999 Apr 15
BF550 PHILIPS-BF550_15 Datasheet
100Kb / 6P
PNP medium frequency transistor
2004 Jan 16
logo
Nexperia B.V. All right...
BF824 NEXPERIA-BF824 Datasheet
282Kb / 7P
PNP medium frequency transistor
2004 Jan 16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com