Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1981SF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1981SF
Description  PNP Silicon Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1981SF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1981SF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Features
High Hfe:.hFE=100 to 320
PNP Silicon Transistor
2SA1981SF
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-35
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-800
mA
Collector dissipation
PC
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO
IC
=-500ìA , IE=0
-35
V
Collector-emitter breakdown voltage
BVCEO
IC=-1mA , IB=0
-30
V
Emitter-base breakdown voltage
BVEBO
IE=-50ìA, IC=0
-5
V
Collector cutoff current
ICBO
VCB=-35V, IE=0
-0.1
ìA
Emitter cutoff current
IEBO
VEB=-5V, IC=0
-0.1
ìA
DC current transfer ratio
hFE
VCE=-1V, IC=-100mA
100
320
Collector-emitter saturation voltage
VCE(sat) IC/IB=-500mA/-20mA
-0.5
V
Transition frequency
fT
VCE=-5V, IE=10mA,
120
MHz
Output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
19
pF
hFE Classification
Marking
Rank
O
Y
hFE
100
200
160
320
EA


Similar Part No. - 2SA1981SF

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SA1981SF AUK-2SA1981SF Datasheet
82Kb / 3P
PNP Silicon Transistor (Audio power amplifier application)
logo
KODENSHI_AUK CORP.
2SA1981SF KODENSHI-2SA1981SF Datasheet
275Kb / 4P
Audio power amplifier application
2SA1981SF KODENSHI-2SA1981SF Datasheet
275Kb / 4P
Audio power amplifier application
logo
Guangdong Kexin Industr...
2SA1981SF-O KEXIN-2SA1981SF-O Datasheet
814Kb / 2P
PNP Transistors
2SA1981SF-Y KEXIN-2SA1981SF-Y Datasheet
814Kb / 2P
PNP Transistors
More results

Similar Description - 2SA1981SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com