Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3437 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3437
Description  Silicon NPN Epitaxial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3437 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3437 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3437 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB =40V, IE =0
0.1
ìA
Emitter cut-off current
IEBO
VEB =5V, IC =0
0.1
ìA
DC current gain
hFE
VCE =1V, IC =10mA
40
240
Collector-emitter saturation voltage
VCE (sat) IC =20mA, IB =1mA
0.3
V
Base-emitter saturation voltage
VBE (sat) IC =20mA, IB =1mA
1.0
V
Transition frequency
fT
VCE =10V, IC =10mA
200
400
MHz
Collector output capacitance
Cob
VCB =10V, IE = 0,f= 1 MHz
4
6
pF
Turn-on time
ton
70
ns
Storage time
tstg
15
ns
Fall time
tf
30
ns
hFE Classification
Marking
CH
Rank
R
O
Y
hFE
40 80
70 140
120
240
2SC3437



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com