Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1621 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1621
Description  NPN Epitaxial Planar Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1621 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1621 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1621 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
2SD1621
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =20V, IE=0
0.1
ìA
Emitter cutoff current
IEBO
VEB =4V, IC=0
0.1
ìA
DC current gain
hFE
VCE =2V , IC = 100 mA
100
560
Gain bandwidth product
fT
VCE =10V , IC = 50 mA
150
MHz
Output capacitance
Cob
VCB = 10 V , f = 1.0MHz
19
pF
Collector-emitter saturation voltage
VCE(sat) IC =1.5 A , IB = 75 mA
0.18
0.4
V
Base-emitter saturation voltage
VBE(sat) IC =1.5 A , IB = 75 mA
0.85
1.2
V
Collector-base breakdown voltage
V(BR)CBO IC = 10ìA , IE =0
30
V
Collector-emitter breakdown voltage
V(BR)CEO IC =1mA , RBE =
25
V
Emitter-base breakdown voltage
V(BR)EBO IE = 10ìA , IC =0
6
V
Turn-on timie
ton
60
ns
Storage time
tstg
500
ns
Turn-off time
tf
25
ns
hFE Classification
Marking
Rank
R
S
T
U
hFE
100
200
140
280
200
400
280
560
DD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com