Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75-710 Datasheet(PDF) 1 Page - Advanced Technical Materials Inc.

Part # 75-710
Description  SHORT TERMINATION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

75-710 Datasheet(HTML) 1 Page - Advanced Technical Materials Inc.

  75-710 Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
49 Rider Ave, Patchogue, NY 11772
Phone: 631-289-0363
Fax: 631-289-0358
E-mail
: atmemail@juno.com
Web: www.atmmicrowave.com
10
Service
Price
Delivery
Description:
• Full waveguide frequency range
• Units pressure tested to 30 psi
• Finish is a unique corrosion-resistant
316 stainless steel epoxy coating
SHORT TERMINATION
Basic
WG Size
Freq
Standard
Power
Length
Model No.
(GHz)
Flange
Avg. (W)
(inches)
650-710
WR650
1.12 - 1.70
CPRF (2)
50
7.00
430-710
WR430
1.70 - 2.60
CPRF (2)
40
7.00
340-710
WR340
2.20 - 3.30
CPRF (2)
40
6.00
284-710
WR284
2.60 - 3.95
COVER (6)
30
3.00
229-710
WR229
3.30 - 4.90
CPRF (2)
25
3.00
187-710
WR187
3.95 - 5.85
COVER (6)
25
2.50
159-710
WR159
4.90 - 7.05
CPRF (2)
20
2.00
137-710
WR137
5.95 - 8.20
CPRF (2)
15
1.75
112-710
WR112
7.05 - 10.00
COVER (6)
15
1.50
102-710
WR102
7.00 - 11.00
COVER (6)
15
1.50
90-710
WR90
8.20 - 12.40
COVER (6)
15
1.50
75-710
WR75
10.00 - 15.00
COVER (6)
15
1.25
62-710
WR62
12.40 - 18.00
COVER (6)
10
1.00
51-710
WR51
15.00 - 22.00
COVER (6)
10
1.00
42-710
WR42
18.00 - 26.50
COVER (6)
10
1.00
34-710
WR34
22.00 - 33.00
COVER (6)
5
0.75
28-710
WR28
26.50 - 40.00
COVER (6)
5
0.75
22-710
WR22
33.00 - 50.00
COVER (6)
5
0.75
Description:
• Full waveguide frequency range
• Units pressure tested to 30 psi
• Finish is a unique corrosion-resistant
316 stainless steel epoxy coating
LOW POWER TERMINATION
Basic Model #:
Material: A=Alum, B=Brass, C=Copper, D=Special
Flange 1: 1=CPRG, 2=CPRF, 6=COVER, 7=CHOKE, 8=SPECIAL
Ordering Information:
Typical Part #: 137-720B -2
Basic
WG Size
Freq
Standard
VSWR
Power
Length
Model No.
(GHz)
Flange
max.
Avg. (W)
(inches)
650-720
WR650
1.12 - 1.70
CPRF (2)
1.02
25
12.50
430-720
WR430
1.70 - 2.60
CPRF (2)
1.02
15
11.00
340-720
WR340
2.20 - 3.30
CPRF (2)
1.01
12
10.75
284-720
WR284
2.60 - 3.95
COVER (6)
1.01
10
10.50
229-720
WR229
3.30 - 4.90
CPRF (2)
1.01
10
7.50
187-720
WR187
3.95 - 5.85
COVER (6)
1.01
8
6.25
159-720
WR159
4.90 - 7.05
CPRF (2)
1.01
7
6.00
137-720
WR137
5.95 - 8.20
CPRF (2)
1.01
6
5.50
112-720
WR112
7.05 - 10.00
COVER (6)
1.01
4
5.00
102-720
WR102
7.00 - 11.00
COVER (6)
1.01
3
4.00
90-720
WR90
8.20 - 12.40
COVER (6)
1.01
4
4.00
75-720
WR75
10.00 - 15.00
COVER (6)
1.01
2
4.00
62-720
WR62
12.40 - 18.00
COVER (6)
1.01
1.5
4.00
51-720
WR51
15.00 - 22.00
COVER (6)
1.01
1.0
4.00
42-720
WR42
18.00 - 26.50
COVER (6)
1.01
0.5
2.50
34-720
WR34
22.00 - 33.00
COVER (6)
1.01
0.5
2.50
28-720
WR28
26.50 - 40.00
COVER (6)
1.02
0.5
2.00
22-720
WR22
33.00 - 50.00
COVER (6)
1.02
0.5
1.50
Description:
• Full waveguide frequency range
• Units pressure tested to 30 psi
• Finish is a unique corrosion-resistant
316 stainless steel epoxy coating
• All 745 series Terminations are
manufactured from 6061 Aluminum
• Low outgassing characteristics
• VSWR: 1.10 max
• ATM series 745 utilizes High Power Ceramic Elements fired at
1300 C for low VSWR and stable electrical characteristics
HIGH POWER TERMINATION
Basic Model #:
Flange 1: 1=CPRG, 2=CPRF, 6=COVER, 7=CHOKE, 8=COVER/GROOVE
Ordering Information:
Typical Part #: 137-745-2
Basic
WG Size
FreqStandardPowerLengthDim.Dim.
Model No.
(GHz)
Flange
Avg. (W) (inches)
A
B
650-745WR650
1.12 - 1.70
CPRF (2)
250013.008.008.00
430-745WR430
1.70 - 2.60
CPRF (2)
25009.006.006.00
340-745WR340
2.20 - 3.30
CPRF (2)
250012.006.006.00
284-745WR284
2.60 - 3.95
COVER (6)
240012.006.005.00
229-745WR229
3.30 - 4.90
CPRF (2)
20009.755.005.00
187-745WR187
3.95 - 5.85
COVER (6)
15009.004.504.50
159-745WR159
4.90 - 7.05
CPRF (2)
13009.004.504.50
137-745WR137
5.95 - 8.20
CPRF (2)
10008.504.004.00
137-745AWR137
5.95 - 8.20
CPRF (2)
15009.004.504.50
112-745WR112
7.05 - 10.00
COVER (6)
8508.004.004.00
102-745WR102
7.00 - 11.00
COVER (6)
5006.503.503.50
90-745WR90
8.20 - 12.40
COVER (6)
5005.503.503.50
75-745WR75
10.00 - 15.00
COVER (6)
3505.003.503.50
75-745AWR75
10.00 - 15.00
COVER (6)
5505.004.504.50
62-745WR62
12.40 - 18.00
COVER (6)
2504.503.003.00
51-745WR51
15.00 - 22.00
COVER (6)
2504.503.003.00
42-745WR42
18.00 - 26.50
COVER (6)
2504.502.252.25
34-745WR34
22.00 - 33.00
COVER (6)
1754.002.002.00
28-745WR28
26.50 - 40.00
COVER (6)
1754.002.002.00
22-745WR22
33.00 - 50.00
COVER (6)
1003.001.501.50
Description:
• Full waveguide frequency range
• Units pressure tested to 30 psi
• Finish is a unique corrosion-resistant
316 stainless steel epoxy coating
Low outgassing characteristics
MEDIUM POWER TERMINATION
Basic Model #:
Material: A=Alum, B=Brass, C=Copper, D=Special
Flange 1: 1=CPRG, 2=CPRF, 6=COVER, 7=CHOKE, 8=SPECIAL
Ordering Information:
Typical Part #: 137-740B-2
Basic
WG Size
Freq
Standard
Power
Length
Model No.
(GHz)
Flange
Avg. (W)
(inches)
650-740
WR650
1.12 - 1.70
CPRF (2)
1500
13.00
430-740
WR430
1.70 - 2.60
CPRF (2)
1200
12.00
340-740
WR340
2.20 - 3.30
CPRF (2)
1200
12.00
284-740
WR284
2.60 - 3.95
COVER (6)
1200
11.00
229-740
WR229
3.30 - 4.90
CPRF (2)
1000
9.75
187-740
WR187
3.95 - 5.85
COVER (6)
750
8.38
159-740
WR159
4.90 - 7.05
CPRF (2)
625
8.00
137-740
WR137
5.95 - 8.20
CPRF (2)
500
8.00
112-740
WR112
7.05 - 10.00
COVER (6)
425
7.00
102-740
WR102
7.00 - 11.00
COVER (6)
325
6.50
90-740
WR90
8.20 - 12.40
COVER (6)
225
5.50
75-740
WR75
10.00 - 15.00
COVER (6)
200
4.50
62-740
WR62
12.40 - 18.00
COVER (6)
100
3.25
51-740
WR51
15.00 - 22.00
COVER (6)
100
3.25
42-740
WR42
18.00 - 26.50
COVER (6)
100
3.50
34-740
WR34
22.00 - 33.00
COVER (6)
75
3.25
28-740
WR28
26.50 - 40.00
COVER (6)
75
4.00
22-740
WR22
33.00 - 50.00
COVER (6)
25
2.50
VERY HIGH POWER WAVEGUIDE TERMINATION
Model No.
Waveguide
Freq
Power
Size
(GHz)
Avg. (W)
750-750-C3
WRD750
7.50 - 18.00
700
650-750-C3
WRD650
6.50 - 18.00
800
580-750-C3
WRD580
5.80 - 16.00
1000
475-750-C3
WRD475
4.75 - 11.00
1000
VERY HIGH POWER DOUBLE RIDGE
WAVEGUIDE TERMINATION
High Power Rating
Flange Code: C3 = Cover (WRD)
Model No
Waveguide
Freq
Power
Size
(GHz)
Avg. (W)
650-760-6
WR650
1.12 - 1.70
8000
430-760-6
WR430
1.70 - 2.60
6500
284-760-6
WR284
2.60 - 3.95
5000
229-760-6
WR229
3.30 - 4.90
4000
187-760-6
WR187
3.95 - 5.85
3000
159-760-6
WR159
4.90 - 7.05
3000
137-760-6
WR137
5.85 - 8.20
3000
112-760-6
WR112
7.05 - 10.00
3000
90-760-6
WR90
8.20 - 12.40
1500
75-760-6
WR75
10.00 - 15.00
1400
62-760-6
WR62
12.40 - 18.00
1400
51-760-6
WR51
15.00 - 22.00
1200
42-760-6
WR42
18.00 - 26.50
1000
34-760-6
WR34
22.00 - 33.00
700
28-760-6
WR28
26.50 - 40.00
500
Basic Model #:
Material: A=Alum, B=Brass, C=Copper, D=Special
Flange 1: 1=CPRG, 2=CPRF, 6=COVER, 7=CHOKE, 8=SPECIAL
Ordering Information:
Typical Part #: 137-710B -2
• VSWR: 1.10 max
• ATM series 710 Terminations utilizes
Medium Power Elements to achieve low
VSWR and stable electrical characteristics
• VSWR: 1.10 max
• ATM series 740 utilizes High Power Ceramic
Elements fired at 1300 C for low VSWR
and table electrical characteristics
• ATM series 720 Terminations utilize a
Precision Conical Element to achieve
very low VSWR.
• For short size on High Power Terminations
contact factory


Similar Part No. - 75-710

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
75-760-1 ATM-75-760-1 Datasheet
72Kb / 1P
OUTLINE DRAWING WR75 HP TERMINATION BRICK LOAD
75-760-2 ATM-75-760-2 Datasheet
72Kb / 1P
OUTLINE DRAWING WR75 HP TERMINATION BRICK LOAD
75-760-6 ATM-75-760-6 Datasheet
72Kb / 1P
OUTLINE DRAWING WR75 HP TERMINATION BRICK LOAD
75-760-6 ATM-75-760-6 Datasheet
73Kb / 1P
OUTLINE, WR75 VERY HIGH POWER TERMINATION
75-760-7 ATM-75-760-7 Datasheet
72Kb / 1P
OUTLINE DRAWING WR75 HP TERMINATION BRICK LOAD
More results

Similar Description - 75-710

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50T-014 JFW-50T-014 Datasheet
24Kb / 1P
TERMINATION
50T-300 JFW-50T-300 Datasheet
25Kb / 1P
TERMINATION
50T-317 JFW-50T-317 Datasheet
26Kb / 1P
TERMINATION
50T-378 JFW-50T-378 Datasheet
25Kb / 1P
TERMINATION
logo
California Eastern Labs
CG2176X3 CEL-CG2176X3 Datasheet
867Kb / 7P
50廓 TERMINATION TYPE HIGH POWER Short Document/Title
logo
Rosenberger Hochfrequen...
64K17R-001S3 ROSENBERGER-64K17R-001S3 Datasheet
531Kb / 2P
Termination
18K15R-0-5E3 ROSENBERGER-18K15R-0-5E3 Datasheet
512Kb / 2P
Termination
logo
JFW Industries, Inc.
50T-001 JFW-50T-001_11 Datasheet
65Kb / 1P
TERMINATION
50T-002 JFW-50T-002_11 Datasheet
25Kb / 1P
TERMINATION
50T-549 JFW-50T-549 Datasheet
26Kb / 1P
TERMINATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com