Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTL718 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMTL718
Description  Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMTL718 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMTL718 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMTL718 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=-100ìA
-20
-65
V
Collector-emitter breakdown voltage
V(BR)CEO IC=-10mA*
-20
-55
V
Emitter-base breakdown voltage
V(BR)EBO IE=-100ìA
-5
-8.8
V
Collector-base cut-off current
ICBO
VCB=-15V
-10
nA
Emitter-base current
IEBO
VEB=-4V
-10
nA
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA*
IC=-500mA, IB=-20mA*
IC=-1A, IB=-50mA*
IC=-1.5A,IB=-100mA
-33
-130
-230
-315
-50
-180
-320
-450
mV
Base-emitter saturation voltage
VBE(sat) IC=-1.25A, IB=-100mA*
-950
-1100
mV
Base-emitter ON voltage
VBE(on)
IC=-1.25A, VCE=-2V*
-850
-1000
mV
DC current gain
hFE
IC=-10mA, VCE=-2V
IC=-100mA, VCE=-2V*
IC=-0.5A, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-1.5A, VCE=-2V*
300
300
200
120
50
500
450
320
200
80
Current-gain-bandwidth product
fT
IC=-50mA, VCE=-10V f=100MHz
265
MHz
Output capacitance
Cobo
VCB=-10V, f=1MHz
912
pF
Turn-on time
t(on)
IC=-1A, VCC=-10V
108
ns
Turn-off time
t(off)
IB1=IB2=-10mA
121
ns
* Pulse test: tp
300 ìs; d
0.02.
FMMTL718
Marking
Marking
L78



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com