Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ARW Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2PD601ARW
Description  NPN General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2PD601ARW Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2PD601ARW Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2PD601ARW Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kesenes.com
2
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
IE =0; VCB =60V
10
nA
IE =0; VCB =60V; Tj =150
5ìA
Emitter cut-off current
IEBO
IC =0; VEB =5V
10
nA
DC current gain
2PD601AQW
2PD601ARW
2PD601ASW
hFE
IC =2mA; VCE =10V
160
210
290
260
340
460
Collector-emitter saturation voltage
VCE(sat) IC =100 mA; IB =10mA; *
500
mV
Collector capacitance
Cc
IE =ie=0; VCB =10V; f = 1MHz
3.5
pF
Transition frequency
2PD601AQW
2PD601ARW
2PD601ASW
fT
IC =2mA; VCE =10V;f =100 MHz
100
120
140
MHz
* Pulse test: tp
300 ìs; ä
0.02.
hFE Classification
TYPE
2PD601AQW
2PD601ARW
2PD601ASW
Marking
6D
6E
6F
2PD601AW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com