Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3074 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3074
Description  Silicon NPN Epitaxial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3074 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3074 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3074 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cut-off current
ICBO
VCB =50V, IE =0
1
ìA
Emitter cut-off current
IEBO
VEB =5V, IC =0
1
ìA
Collector-emitter breakdown voltage
V(BR)CEO
IC =10mA, IB =0
50
V
VCE =1V, IC = 1 A
70
240
VCE =1V, IC =3A
30
Collector-emitter saturation voltage
VCE (sat)
IC =3A, IB = 0.15 A
0.2
0.4
V
Base-emitter saturation voltage
VBE (sat)
IC =3A, IB = 0.15 A
0.9
1.2
V
Transition frequency
fT
VCE =4V, IC = 1 A
120
MHz
Collector output capacitance
Cob
VCB =10V, IE = 0, f = 1 MHz
80
pF
Turn-on time
ton
0.1
ìs
Storage time
tstg
1ìs
Fall time
tf
0.1
ìs
DC current gain
hFE
hFE Classification
Marking
Rank
O
Y
hFE
70
140
120
240
C3074
2SC3074



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com