Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3518-Z Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3518-Z
Description  NPN Silicon Epitaxia
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3518-Z Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3518-Z Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
NPN Silicon Epitaxia
2SC3518-Z
Features
Low VCE(sat).
Fast switching speed.
High DC current gain.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
7V
Collector current
IC
5A
Collector current (pulse) *1
ICP
7A
Total power dissipation *2
PT
2W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*1 PW
10 ms, duty cycle
50%
*2 When mounted on ceramic substrate of 7.5cm
2X0.7mm
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB = 50V, IE=0
10
ìA
Emitter cutoff current
IEBO
VEB =7V, IC=0
10
ìA
VCE =1V , IC = 2A
100
400
VCE =1V , IC =5A
50
Collector-emitter saturation voltage *
VCE(sat) IC =2A , IB = 0.2A
0.3
V
Base-emitter saturation voltage *
VBE(sat) IC =2A , IB = 0.2A
1.2
V
Gain bandwidth product
fT
VCE = 10V , IE = 500mA
120
MHz
Turn-on time
ton
VCC = 10V, RL=5Ù
0.07
1
ìs
Storage time
tstg
IC =2A ,
0.8
2.5
ìs
Turn-off time
toff
IB1 =-IB2 = 0.2A
0.12
1
ìs
*. PW
350ìs,duty cycle
2%
DC current gain *
hFE
V
hFE Classification
Marking
M
L
K
hFE
100
200
150
300
200 400


Similar Part No. - 2SC3518-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3518-Z NEC-2SC3518-Z Datasheet
236Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR MP-3
logo
Renesas Technology Corp
2SC3518-Z RENESAS-2SC3518-Z Datasheet
773Kb / 6P
SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SC3518-Z ISC-2SC3518-Z Datasheet
249Kb / 2P
isc Silicon NPN Power Transistor
logo
Guangdong Kexin Industr...
2SC3518-Z KEXIN-2SC3518-Z_15 Datasheet
1Mb / 3P
NPN Transistors
logo
Renesas Technology Corp
2SC3518-Z RENESAS-2SC3518-Z_15 Datasheet
773Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - 2SC3518-Z

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3739 KEXIN-2SC3739 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SC3734 KEXIN-2SC3734 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD780 KEXIN-2SD780 Datasheet
38Kb / 1P
NPN Silicon Epitaxia
2SD2230 KEXIN-2SD2230 Datasheet
35Kb / 1P
NPN Silicon Epitaxia
2SC3618 KEXIN-2SC3618 Datasheet
51Kb / 1P
NPN Silicon Epitaxia
2SD1005 KEXIN-2SD1005 Datasheet
52Kb / 1P
NPN Silicon Epitaxia
2SD2403 KEXIN-2SD2403 Datasheet
52Kb / 2P
NPN Silicon Epitaxia
2SC4173 KEXIN-2SC4173 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC4178 KEXIN-2SC4178 Datasheet
47Kb / 1P
NPN Silicon Epitaxia
2SC4332-Z KEXIN-2SC4332-Z Datasheet
43Kb / 2P
NPN Silicon Epitaxia
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com