Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4332-Z Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4332-Z
Description  NPN Silicon Epitaxia
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4332-Z Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4332-Z Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4332-Z Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
hFE Classification
Marking
M
L
K
hFE
100
200
150
300
200 400
2SC4332-Z
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector to Emitter Voltage
VCEO(SUS)
IC =3.0 A, IB =0.3 A, L=1mH
60
V
Collector to Emitter Voltage
VCEX(SUS)
IC =3.0 A, IB1 =-IB2 =0.3 A,VBE(OFF) =-1.5
V, L = 180 ìH,
60
V
Collector Cut-off Current
ICBO
VCE =60V, IE =0
10
ìA
Collector Cut-off Current
ICER
VCE =60V, RBE =51Ù, TA = 125°C1.0
mA
Collector Cut-off Current
ICEX1
VCE =60V, VBE(OFF) = -1.5 V
10
ìA
Collector Cut-off Current
ICEX2
VCE =60V, VBE(OFF) =-1.5V,TA = 125
1.0
mA
Emitter Cut-off Current
IEBO
VEB =5.0 V, IC =0
10
ìA
DC Current Gain
hFE1
VCE =2.0 V, IC =0.5 A
100
DC Current Gain
hFE2
VCE =2.0 V, IC =1.0 A
100
400
DC Current Gain
hFE3
VCE =2.0 V, IC =3.0 A
60
Collector Saturation Voltage
VCE(sat)1
IC =3.0 A, IB =0.15A
0.3
V
Collector Saturation Voltage
VCE(sat)2
IC =4.0 A, IB = 0.2 A
0.5
V
Base Saturation Voltage
VBE(sat)1
IC =3.0 A, IB =0.15A
1.2
V
Base Saturation Voltage
VBE(sat)2
IC =4.0 A, IB = 0.2 A
1.5
V
Collector Capacitance
Cob
VCB =10V, IE = 0, f = 1.0 MHz
130
pF
Gain Bandwidth Product
fT
VCE =10V, IE = -0.5 A
150
MHz
Turn-on Time
ton
IC =3.0 A, RL = 16.7Ù,
0.3
ìs
Storage Time
tstg
IB1 =-IB2 =0.15A, VCC =50 V
1.5
ìs
Fall Time
tf
0.3
ìs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com