Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA779S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA779S
Description  Silicon PIN Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA779S Datasheet(HTML) 2 Page - Vishay Siliconix

  BA779S Datasheet HTML 1Page - Vishay Siliconix BA779S Datasheet HTML 2Page - Vishay Siliconix BA779S Datasheet HTML 3Page - Vishay Siliconix BA779S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BA779.BA779S
Vishay Telefunken
Rev. 3, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85532
Characteristics (Tj = 25_C unless otherwise specified)
0
0.4
0.8
1.2
1.6
0.01
0.1
1
10
100
2.0
95 9735
VF – Forward Voltage ( V )
Tamb=25°C
Scattering Limit
Figure 1. Forward Current vs. Forward Voltage
0.001
0.01
0.1
1
1
10
100
1000
10000
10
95 9734
IF – Forward Current ( mA )
f >20 MHz
Tj =25°C
Figure 2. Differential Forward Resistance vs.
Forward Current
020
40
60
–80
–60
–40
–20
0
20
f2, modulated with 200 kHz, m=100% (MHz)
80
95 9733
P–Circuit with10 dBAttenuation
V0 =40dBmV
f1 = 100 MHz unmodulated
Figure 3. Typ. Cross Modulation Distortion vs
Frequency f2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com