Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS20
Description  Surface Mount Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS20 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS20 Datasheet HTML 1Page - Vishay Siliconix BAS20 Datasheet HTML 2Page - Vishay Siliconix BAS20 Datasheet HTML 3Page - Vishay Siliconix BAS20 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS19–BAS21
Vishay Telefunken
Rev. 1, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85540
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=100mA
VF
1.0
V
g
IF=200mA
VF
1.25
V
Reverse current
VR=VRmax
IR
100
nA
VR=VRmax, Tj= 150°C
IR
100
mA
Reverse breakdown voltage
IR=100mA, tp<0.3ms
BAS19
V(BR)R
120
V
g
IR=100mA
BAS20
V(BR)R
200
V
IR=100mA, VR<275V
BAS21
V(BR)R
250
V
Reverse recovery time
IF=IR=10mA, RL=100W,
VR=6V to IR=1mA. RL=100W
trr
50
ns
Diode capacitance
VR=0, f= 1MHz
CD
5
pF
Dynamic forward resistance
IF=10mA
rf
5
W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com