Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

442L-MDNET Datasheet(PDF) 1 Page - Allen-Bradley

Part # 442L-MDNET
Description  Safety Light Curtain Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

442L-MDNET Datasheet(HTML) 1 Page - Allen-Bradley

  442L-MDNET Datasheet HTML 1Page - Allen-Bradley 442L-MDNET Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-52
Presence Sensing Safety Devices
Safety Light Curtain Interfaces
SafeShield DeviceNet Module
Description
The SafeShield DeviceNet interface is a nonsafety rated device that
communicates diagnostic information from any SafeShield safety
light curtain. In a compact 22.5m DIN rail mounted housing it
allows easy wiring and configuration of DeviceNet parameters.
Features
• Connects directly to DeviceNet networks
• Auto baud
• Change of State and strobe messaging
•Rotary DIP switches for MAC ID
• Compact 22.5mm housing
• Diagnostic capabilities
•Weak signal
• Alignment: number of beams, number of blocked beams, etc.
• Output status
• Setup configuration
• LED diagnostics
• System identification: product name, model, etc.
•System status
• System settings: fixed or floating blanking, auto power-up, etc.
• Diagnostic: error codes, cause of lockout, troubleshooting
suggestions, etc.
Indicators
Label
Colour
State
Status
Dnet Status
Red/Green
OFF
Interface not powered, or waiting for Autobaud
Green ON Steady
Interface active and allocated by master
Green Flashing
Interface active but not allocated by master
Red Flashing
Minor correctable fault (baud rate)
Red ON Steady
Major fault (possible duplicate address
Green-Red-Green
Power up sequence
Comm Status
Orange
Off
Internal Fault
Flashing
Fault or Warning Require User intervention
On
No Faults or Warnings
OSSD Status
Red/Green
Off
No Safety Communication
Red
Not Safe, OSSD not active
Green
Safe, OSSD active
Specifications
Safety Category
Nonsafety rated
Approvals
CE marked for all applicable
directives and cULus
Power Supply
24V DC
Power Consumption
1w
Inputs
RS 233 from SafeShield
Outputs
DeviceNet
Power On Delay
1s
Indication LEDs
See Indicator table
Impulse Withstand Voltage
2500V
Pollution Degree
2
Operating Temperature
-5°C to +55°C (+23°F to 131°F)
Enclosure Protection
IP40 (NEMA 1)
Terminal Protection
IP20
Conductor Size
0.2–4mm2 (24–12 AWG)
Torque Settings—terminal screws
0.4–0.5Nm (3.54–4.43lb
•in)
Case Material
Polyamide PA 6.6
Mounting
22.5mm DIN rail
Weight
320g (0.71lbs)
Mechanical Life
N/A
Vibration
10-55Hz, 0.35mm
Shock
10g, 16ms, 100 shocks


Similar Part No. - 442L-MDNET

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
442L-SSFZN ALLEN-BRADLEY-442L-SSFZN Datasheet
104Kb / 4P
Safety Laser Scanner
More results

Similar Description - 442L-MDNET

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-M8400 ALLEN-BRADLEY-440L-M8400 Datasheet
72Kb / 4P
Safety Light Curtain Interfaces
440L-M8200 ALLEN-BRADLEY-440L-M8200 Datasheet
84Kb / 1P
Safety Light Curtain Interfaces
logo
Contrinex AG Industrial...
YBB-14K4-0150-G012 CONTRINEX-YBB-14K4-0150-G012 Datasheet
212Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K2-0150-G012 CONTRINEX-YBB-30K2-0150-G012 Datasheet
211Kb / 3P
SAFETY LIGHT CURTAIN
YBB-14K4-0250-G012 CONTRINEX-YBB-14K4-0250-G012 Datasheet
212Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K4-0250-G012 CONTRINEX-YBB-30K4-0250-G012 Datasheet
226Kb / 3P
SAFETY LIGHT CURTAIN
YBB-30K2-0250-G012 CONTRINEX-YBB-30K2-0250-G012 Datasheet
211Kb / 3P
SAFETY LIGHT CURTAIN
logo
Pepperl+Fuchs Inc.
SLCS30 PF-SLCS30 Datasheet
871Kb / 7P
Safety light curtain
2023-02-14
SLCS60 PF-SLCS60 Datasheet
868Kb / 7P
Safety light curtain
2023-02-14
SLCT14 PF-SLCT14 Datasheet
862Kb / 7P
Safety light curtain
2023-02-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com