Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3028EFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3028EFE
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3028EFE Datasheet(HTML) 2 Page - Linear Technology

  LT3028EFE Datasheet HTML 1Page - Linear Technology LT3028EFE Datasheet HTML 2Page - Linear Technology LT3028EFE Datasheet HTML 3Page - Linear Technology LT3028EFE Datasheet HTML 4Page - Linear Technology LT3028EFE Datasheet HTML 5Page - Linear Technology LT3028EFE Datasheet HTML 6Page - Linear Technology LT3028EFE Datasheet HTML 7Page - Linear Technology LT3028EFE Datasheet HTML 8Page - Linear Technology LT3028EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT3028
3028f
TJMAX = 125°C, θJA = 40°C/ W, θJC = 10°C/ W
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
ADJ1
SHDN1
IN1
IN1
IN2
IN2
SHDN2
ADJ2
BYP1
NC
OUT1
OUT1
GND
OUT2
OUT2
BYP2
TOP VIEW
DHC PACKAGE
16-LEAD (5mm × 3mm) PLASTIC DFN
(Note 1)
IN1, IN2 Pin Voltage .............................................. ±20V
OUT1, OUT2 Pin Voltage ....................................... ±20V
Input-to-Output Differential Voltage ....................... ±20V
ADJ1, ADJ2 Pin Voltage ......................................... ±7V
BYP1, BYP2 Pin Voltage ....................................... ±0.6V
SHDN1, SHDN2 Pin Voltage ................................. ±20V
Output Short-Circut Duration .......................... Indefinite
Consult factory for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
LT3028EFE
LT3028IFE
ORDER PART
NUMBER
FE PART
MARKING
Operating Junction Temperature Range
(Note 2) ............................................ – 40°C to 125°C
Storage Temperature Range
FE Package ....................................... – 65°C to 150°C
DHC Package .................................... – 65°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300°C
TJMAX = 150°C, θJA = 38°C/ W, θJC = 8°C/ W
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB
3028EFE
3028IFE
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
BYP1
OUT1
OUT1
GND
OUT2
BYP2
GND
GND
ADJ1
SHDN1
IN1
IN2
SHDN2
ADJ2
GND
17
LT3028EDHC
LT3028IDHC
ORDER PART
NUMBER
DHC PART
MARKING
3028
3028I
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
Output 2, ILOAD = 100mA
●
1.8
2.3
V
(Notes 3, 10)
Output 1, ILOAD = 500mA
●
1.8
2.3
V
ADJ1, ADJ2 Pin Voltage
VIN = 2V, ILOAD = 1mA
1.205
1.220
1.235
V
(Notes 3, 4)
Output 2, 2.3V < VIN2 < 20V, 1mA < ILOAD < 100mA
●
1.190
1.220
1.250
V
Output 1, 2.3V < VIN1 < 20V, 1mA < ILOAD < 500mA
●
1.190
1.220
1.250
V
Line Regulation (Note 3)
∆VIN = 2V to 20V, ILOAD = 1mA
●
110
mV
Load Regulation (Note 3)
Output 2, VIN2 = 2.3V, ∆ILOAD = 1mA to 100mA
1
12
mV
VIN2 = 2.3V, ∆ILOAD = 1mA to 100mA
●
25
mV
Output 1, VIN1 = 2.3V, ∆ILOAD = 1mA to 500mA
1
12
mV
VIN1 = 2.3V, ∆ILOAD = 1mA to 500mA
●
25
mV
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com