Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3080EDD-1 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3080EDD-1
Description  Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3080EDD-1 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3080EDD-1 Datasheet HTML 9Page - Linear Technology LT3080EDD-1 Datasheet HTML 10Page - Linear Technology LT3080EDD-1 Datasheet HTML 11Page - Linear Technology LT3080EDD-1 Datasheet HTML 12Page - Linear Technology LT3080EDD-1 Datasheet HTML 13Page - Linear Technology LT3080EDD-1 Datasheet HTML 14Page - Linear Technology LT3080EDD-1 Datasheet HTML 15Page - Linear Technology LT3080EDD-1 Datasheet HTML 16Page - Linear Technology LT3080EDD-1 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3080-1
13
30801fa
function of output load current. Output voltage is set based
on the midpoint of the output load current range:
1
2
•
()
(
)
II
OUT MIN
OUT MAX
+
()
As output current decreases below the midpoint, output
voltage increases above the nominal set-point. Corre-
spondingly, as output current increases above the midpoint,
output voltage decreases below the nominal set-point.
During a large output load transient, output voltage
perturbation is contained within a window that is tighter
than what would result if active voltage positioning is not
employed. Choose the SET pin resistor value by using the
formula below:
R
VI
R
I
SET
OUT
MID
BALLAST
SET
=
+
(•
)
where
IMID = 1/2 (IOUT(MIN) + IOUT(MAX))
RBALLAST = 25mΩ
ISET = 10μA
Thermal Considerations
The LT3080-1 has internal power and thermal limiting
circuitry designed to protect it under overload conditions.
For continuous normal load conditions, maximum junction
temperature must not be exceeded. It is important to
Figure 7. Connections for Best Load Regulation
+
–
LT3080-1
IN
VCONTROL
OUT
30801 F07
SET RSET
RP
25mΩ
PARASITIC
RESISTANCE
RP
RP
LOAD
Load Regulation
Because the LT3080-1 is a floating device (there is no
ground pin on the part, all quiescent and drive current is
delivered to the load), it is not possible to provide true
remote load sensing. Load regulation will be limited by the
resistance of the connections between the regulator and
the load. The data sheet specification for load regulation
is Kelvin sensed at the pins of the package. Negative side
sensing is a true Kelvin connection, with the bottom of
the voltage setting resistor returned to the negative side of
the load (see Figure 7). Connected as shown, system load
regulation will be the sum of the LT3080-1 load regulation
and the parasitic line resistance multiplied by the output
current. It is important to keep the positive connection
between the regulator and load as short as possible and
use large wire or PC board traces.
The internal 25mΩ ballast resistor is outside of the
LT3080-1’s feedback loop. Therefore, the voltage drop
across the ballast resistor appears as additional DC load
regulation. However, this additional load regulation can
actually improve transient response performance by
decreasing peak-to-peak output voltage deviation and
even save on total output capacitance. This technique is
called active voltage positioning and is especially useful for
applications that must withstand large output load current
transients. For more information, see Design Note 224,
“Active Voltage Positioning Reduces Output Capacitors.”
The basic principle uses the fact that output voltage is a
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com