Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54HT1 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT54HT1
Description  Schottky Barrier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT54HT1 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT54HT1 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
www.kexin.com.cn
1
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
30
V
Forward current
IF
200
mA
Repetitive peak forward current
IFRM
300
mA
Non-repetitive peak forward current(t
1.0 s)
IFSM
600
mA
power dissipation
PD
200
mW
Thermal resistance,junction-to-ambient
RèJA
635
/W
Junction and Storage temperature
TJ.Tstg
-55to125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Reverse breakdown voltage
V(BR)R
IR =10ìA
30
V
Total capacitance
CT
VR = 1.0 V, f = 1.0 MHz
7.6
10
pF
Reverse leakage
IR
VR =25V
0.5
2.0
A
IF = 0.1 mA
0.22
0.24
V
IF = 30 mA
0.41
0.5
V
IF = 100 mA
0.52
0.8
V
Reverse recovery time
trr
IF =IR =10mA, IR(REC) =1.0 mA
5.0
ns
Forward voltage
VF
Marking
Marking
JV
Features
Extremely Fast Switching Speed.
Pb-Free Package is Available.
Schottky Barrier Diodes
KAT54HT1(BAT54HT1)


Similar Part No. - BAT54HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAT54HT1 ONSEMI-BAT54HT1 Datasheet
46Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 3
logo
Zowie Technology Corpor...
BAT54HT1 ZOWIE-BAT54HT1 Datasheet
50Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
BAT54HT1 LRC-BAT54HT1 Datasheet
61Kb / 2P
Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
BAT54HT1 SUNMATE-BAT54HT1 Datasheet
323Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
46Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 3
More results

Similar Description - BAT54HT1

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com