Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3431IFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3431IFE
Description  High Voltage, 3A,500kHz Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3431IFE Datasheet(HTML) 2 Page - Linear Technology

  LT3431IFE Datasheet HTML 1Page - Linear Technology LT3431IFE Datasheet HTML 2Page - Linear Technology LT3431IFE Datasheet HTML 3Page - Linear Technology LT3431IFE Datasheet HTML 4Page - Linear Technology LT3431IFE Datasheet HTML 5Page - Linear Technology LT3431IFE Datasheet HTML 6Page - Linear Technology LT3431IFE Datasheet HTML 7Page - Linear Technology LT3431IFE Datasheet HTML 8Page - Linear Technology LT3431IFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT3431
sn3431 3431fs
(Note 1)
Input Voltage (VIN) ................................................. 60V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage ................................................. 68V
SYNC Voltage ........................................................... 7V
SHDN Voltage ........................................................... 6V
BIAS Pin Voltage .................................................... 30V
FB Pin Voltage/Current .................................. 3.5V/2mA
Operating Junction Temperature Range
LT3431EFE (Notes 8, 10) ................. – 40
°C to 125°C
LT3431IFE (Notes 8, 10) ................. – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LT3431EFE
LT3431IFE
FE PART MARKING
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage (VREF)
5.5V
≤ VIN ≤ 60V
1.204
1.219
1.234
V
VOL + 0.2 ≤ VC ≤ VOH – 0.2
q
1.195
1.243
V
FB Input Bias Current
q
–0.2
–1.5
µA
Error Amp Voltage Gain
(Note 2)
200
475
V/V
Error Amp gm
dl (VC) = ±10µA
1650
2200
3300
µMho
q
1000
4200
µMho
VC to Switch gm
3.4
A/V
EA Source Current
FB = 1V or VSENSE = 4.1V
q
125
275
450
µA
EA Sink Current
FB = 1.4V or VSENSE = 5.7V
q
100
275
500
µA
VC Switching Threshold
Duty Cycle = 0
0.8
V
VC High Clamp
SHDN = 1V
2.1
V
Switch Current Limit
VC Open, BOOST = VIN + 5V, FB = 1V or VSENSE = 4.1V
–40
°C ≤ Tj ≤ 25°C
3.0
5
6.5
A
(Note 9)
Tj = 125
°C
2.5
4
5.5
A
Switch On Resistance
ISW = 2.5A, BOOST = VIN + 5V (Note 7)
0.1
0.14
Ω
q
0.18
Ω
Maximum Switch Duty Cycle
FB = 1V or VSENSE = 4.1V
88
92
%
q
80
%
Switch Frequency
VC Set to Give DC = 50%
460
500
540
kHz
q
430
500
570
kHz
fSW Line Regulation
5.5V
≤ VIN ≤ 60V
q
0.05
0.15
%/V
fSW Shifting Threshold
Df = 10kHz
0.8
V
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25°C.
VIN = 15V, VC = 1.5V, SHDN = 1V, BOOST open circuit, SW open circuit, unless otherwise noted.
TJMAX = 125°C, θJA = 45°C/ W, θJC (PAD) = 10°C/W
EXPOSED PAD MUST BE SOLDERED
TO GROUND PLANE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
SW
VIN
VIN
SW
BOOST
NC
GND
GND
SHDN
SYNC
NC
FB
VC
BIAS
GND
Consult LTC Marketing for parts specified with wider operating temperature ranges.
3431EFE
3431IFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com