Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS70
Description  Surface Mount Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS70 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS70 Datasheet HTML 1Page - Vishay Siliconix BAS70 Datasheet HTML 2Page - Vishay Siliconix BAS70 Datasheet HTML 3Page - Vishay Siliconix BAS70 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS70/–04/–05/–06
Vishay Telefunken
Rev. 1, 01-Apr-99
2 (4)
Document Number 85507
www.vishay.de
• FaxBack +1-408-970-5600
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1.0mA, tp<300ms
VF
410
mV
g
IF=15mA, tp<300ms
VF
1000
mV
Reverse current
VR=50V, tp<300ms
IR
20
100
nA
Breakdown voltage
IR=10mA
V(BR)
70
V
Diode capacitance
VR=0V, f=1MHz
CD
1.5
2.0
pF
Reverse recovery time
IF=IR=10mA to IR=1mA, RL=100W
trr
5
ns
Dimensions in mm
14384
Case: SOT23, molded plastic
Polarity: see diagrams below
Mounting position: any
Approx. weight: 0.008 grams



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com