Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS81 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS81
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS81 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS81 Datasheet HTML 1Page - Vishay Siliconix BAS81 Datasheet HTML 2Page - Vishay Siliconix BAS81 Datasheet HTML 3Page - Vishay Siliconix BAS81 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS81...BAS83
Vishay Telefunken
Rev. 3, 01-April-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85509
Characteristics (Tj = 25_C unless otherwise specified)
0
2
4
6
8
10
12
14
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
15794
VR = 60 V
540K/W
PR–Limit
@100%VR
PR–Limit
@80%VR
RthJA=
Figure 1. Max. Reverse Power Dissipation vs. Junction
Temperature
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
15795
VR = VRRM
Figure 2. Reverse Current vs. Junction Temperature
0
0.5
1.0
1.5
2.0
VF – Forward Voltage ( V )
15796
Tj =25°C
Tj = 150°C
0.1
1
10
100
1000
0.01
Figure 3. Forward Current vs. Forward Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
VR – Reverse Voltage ( V )
15797
f=1MHz
Figure 4. Diode Capacitance vs. Reverse Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com