Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3435 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3435
Description  High Voltage 3A, 500kHz Step-Down Switching Regulator with 100짰 Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3435 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3435 Datasheet HTML 16Page - Linear Technology LT3435 Datasheet HTML 17Page - Linear Technology LT3435 Datasheet HTML 18Page - Linear Technology LT3435 Datasheet HTML 19Page - Linear Technology LT3435 Datasheet HTML 20Page - Linear Technology LT3435 Datasheet HTML 21Page - Linear Technology LT3435 Datasheet HTML 22Page - Linear Technology LT3435 Datasheet HTML 23Page - Linear Technology LT3435 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3435
21
3435fa
APPLICATIO S I FOR ATIO
Example: with VIN = 25V, VOUT = 5V and IOUT = 2A:
Pe
e
PW
PW
SW
BOOST
Q
= (
)()()
+
()()()( )( )
+=
= () () =
=
()+ ()=
015 2
5
25
77
12 2 25 500 3
012 0962 108
5240
40
003
40 0 0026
5 0 001
0 11
2
9
2
.
/
..
.
/
.
..
.
–
Total power dissipation is:
PTOT = 1.08 + 0.03+ 0.11 = 1.22W
Thermal resistance for the LT3435 package is influenced
by the presence of internal or backside planes. With a full
plane under the FE16 package, thermal resistance will be
about 45
°C/W. No plane will increase resistance to about
150
°C/W. To calculate die temperature, use the proper
thermal resistance number for the desired package and
add in worst-case ambient temperature:
TJ = TA + QJA (PTOT)
With the FE16 package (QJA = 45°C/W) at an ambient
temperature of 70
°C:
TJ = 70 + 45(1.22) = 125°C
Input Voltage vs Operating Frequency Considerations
The absolute maximum input supply voltage for the LT3435
is specified at 60V. This is based solely on internal semi-
conductor junction breakdown effects. Due to internal
power dissipation the actual maximum VIN achievable in a
particular application may be less than this.
A detailed theoretical basis for estimating internal power
loss is given in the section Thermal Considerations. Note
that AC switching loss is proportional to both operating
frequency and output current. The majority of AC switch-
ing loss is also proportional to the square of input voltage.
For example, while the combination of VIN = 40V, VOUT =
5V at 2A and fOSC = 500kHz may be easily achievable, si-
multaneously raising VIN to 60V and fOSC to 700kHz is not
possible. Nevertheless, input voltage transients up to 60V
can usually be accommodated, assuming the resulting
increase in internal dissipation is of insufficient time dura-
tion to raise die temperature significantly.
A second consideration is controllability. A potential limi-
tation occurs with a high step-down ratio of VIN to VOUT,
as this requires a correspondingly narrow minimum switch
on time. An approximate expression for this (assuming
continuous mode operation) is given as follows:
tON(MIN) = VOUT + VF/VIN(fOSC)
where:
VIN = input voltage
VOUT = output voltage
VF = Schottky diode forward drop
fOSC = switching frequency
A potential controllability problem arises if the LT3435 is
called upon to produce an on time shorter than it is able to
produce. Feedback loop action will lower then reduce the
VC control voltage to the point where some sort of cycle-
skipping or Burst Mode behavior is exhibited.
In summary:
1. Be aware that the simultaneous requirements of high
VIN, high IOUT and high fOSC may not be achievable in
practice due to internal dissipation. The Thermal Con-
siderations section offers a basis to estimate internal
power. In questionable cases a prototype supply should
be built and exercised to verify acceptable operation.
2. The simultaneous requirements of high VIN,lowVOUTand
high fOSC can result in an unacceptably short minimum
switch on time. Cycle skipping and/or Burst Mode be-
havior will result causing an increase in output voltage
ripple while maintaining the correct output voltage.
FREQUENCY COMPENSATION
Before starting on the theoretical analysis of frequency
response the following should be remembered—the worse
the board layout, the more difficult the circuit will be to
stabilize. This is true of almost all high frequency analog
circuits. Read the Layout Considerations section first.
Common layout errors that appear as stability problems
are distant placement of input decoupling capacitor and/or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com