Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3437IDD Datasheet(PDF) 4 Page - Linear Technology

Part # LT3437IDD
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IDD Datasheet(HTML) 4 Page - Linear Technology

  LT3437IDD Datasheet HTML 1Page - Linear Technology LT3437IDD Datasheet HTML 2Page - Linear Technology LT3437IDD Datasheet HTML 3Page - Linear Technology LT3437IDD Datasheet HTML 4Page - Linear Technology LT3437IDD Datasheet HTML 5Page - Linear Technology LT3437IDD Datasheet HTML 6Page - Linear Technology LT3437IDD Datasheet HTML 7Page - Linear Technology LT3437IDD Datasheet HTML 8Page - Linear Technology LT3437IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LT3437
3437fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3437EDD/LT3437EFE are guaranteed to meet performance
specifications from 0
°C to 125°C junction temperature. Specifications over
the –40
°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls. The
LT3437IDD/LT3437IFE are guaranteed and tested over the full –40
°C to
125
°C operating junction temperature range. The LT3437HFE is also tested
to the LT3437 Electrical Characteristics table at 140
°C operating junction
temperature. High junction temperatures degrade operating lifetimes.
Note 3: Minimum input voltage is defined as the voltage where switching
starts. Actual minimum input voltage to maintain a regulated output will
depend upon output voltage and load current. See Applications Information.
Note 4: Supply input current is the quiescent current drawn by the input
pin. Its typical value depends on the voltage on the BIAS pin and operating
state of the LT3437. With the BIAS pin at 0V, all of the quiescent current
required to operate the LT3437 will be provided by the VIN pin. With the
BIAS voltage above its minimum input voltage, a portion of the total
quiescent current will be supplied by the BIAS pin. Supply sleep current is
defined as the quiescent current during the “sleep” portion of Burst Mode
operation. See Applications Information for determining application supply
currents.
Note 5: Minimum BIAS voltage is the voltage on the BIAS pin when IBIAS is
sourced into the pin.
Note 6: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 7: Boost current is the current flowing into the BOOST pin with the pin
held 3.3V above input voltage. It flows only during switch on time.
Note 8: Gain is measured with a VC swing from 1.15V to 750mV.
Note 9: Switch saturation voltage guaranteed by correlation to wafer level
measurements for DD package parts.
Note 10: The CSS threshold is defined as the value of current sourced into the
CSS pin which results in an increase in sink current from the VC pin. See the
Soft-Start section in Applications Information.
IVIN
Supply Quiescent Current
BIAS = 0V, FB = 1.15V, VC = 0.8V, SYNC = 2V
1.35
2
mA
BIAS = 5V, FB = 1.15V, VC = 0.8V, SYNC = 2V
0.475
1
mA
Minimum BIAS Voltage (Note 5)
2.7
3.15
V
IBIASS
BIAS Sleep Current (Note 4)
●
110
180
µA
IBIAS
BIAS Quiescent Current
SYNC = 2V
0.75
1
mA
Minimum Boost Voltage (Note 6)
ISW = 500mA
1.8
2.5
V
Input Boost Current (Note 7)
ISW = 0.5A
11
16
mA
ISW = 0.25A
8
13
mA
VREF
Reference Voltage (VREF)
3.3V < VVIN < 60V
● 1.212
1.25
1.288
V
VVIN = 80V
● 1.190
1.25
1.288
V
IFB
FB Input Bias Current
50
200
nA
EA Voltage Gain (Note 8)
900
V/V
EA Voltage gm
dI(VC)= ±10µA
650
µMho
EA Source Current
FB = 1.15V
15
35
55
µA
EA Sink Current
FB = 1.35V
15
30
55
µA
VC to SW gm
1A/V
VC Switching Threshold
VSYNC = 2V
500
mV
VC High Clamp
1.5
1.75
2.1
V
IPK
SW Current Limit
●
400
650
900
mA
SW VCESAT
Switch Saturation Voltage
ISW = 250mA
●
200
400
mV
(Note 9)
ISW = 500mA
●
400
800
mV
Switching Frequency
●
140
200
240
kHz
Maximum Duty Cycle
95
%
Minimum SYNC Amplitude
1.5
2
V
SYNC Frequency Range
240
500
kHz
SYNC Input Impedance
50
k
Ω
ICSS
CSS Current Threshold (Note 10)
FB = 0V
4
10
16
µA
The
● denotes the specifications which apply over the –40
°C to 140°C
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB = 1.25V, CSS/SYNC = 0V unless
otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com