Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3437IFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3437IFE
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437IFE Datasheet(HTML) 2 Page - Linear Technology

  LT3437IFE Datasheet HTML 1Page - Linear Technology LT3437IFE Datasheet HTML 2Page - Linear Technology LT3437IFE Datasheet HTML 3Page - Linear Technology LT3437IFE Datasheet HTML 4Page - Linear Technology LT3437IFE Datasheet HTML 5Page - Linear Technology LT3437IFE Datasheet HTML 6Page - Linear Technology LT3437IFE Datasheet HTML 7Page - Linear Technology LT3437IFE Datasheet HTML 8Page - Linear Technology LT3437IFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LT3437
3437fc
The
● denotes the specifications which apply over the –40
°C to 125°C
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB = 1.25V, CSS/SYNC = 0V unless
otherwise noted.
LT3437EFE
LT3437IFE
LT3437HFE
ORDER PART NUMBER
LT3437EDD
LT3437IDD
Consult LTC Marketing for parts specified with wider operating temperature ranges.
DD PART MARKING
ORDER PART NUMBER
FE PART MARKING
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
VIN, SHDN, BIAS, SW Operating ............................. 60V
VIN, SHDN 100ms Transient, <15% Duty Cycle ....... 80V
BOOST Pin Above SW ............................................ 35V
BOOST Pin Voltage Operating ................................. 75V
BOOST Pin 100ms Transient, <15% Duty Cycle ...... 85V
SYNC, CSS, FB .......................................................... 6V
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD IS GND (PIN 11)
MUST BE SOLDERED TO GND (PIN 4)
Operating Junction Temperature Range
LT3437EDD (Note 2) ....................... – 40
°C to 125°C
LT3437IDD (Note 2) ........................ – 40
°C to 125°C
LT3437EFE (Note 2) ........................ – 40
°C to 125°C
LT3437IFE (Note 2) ......................... – 40
°C to 125°C
LT3437HFE (Note 2) .......................... –40
°C to 140°C
Storage Temperature Range ................. – 65
°C to 125°C
DD Package ....................................... –65
°C to 125°C
FE Package ........................................ –65
°C to 150°C
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
NC
SW
NC
VIN
NC
BOOST
NC
GND
NC
SHDN
SYNC
NC
FB
VC
BIAS
CSS
17
θJA = 45°C/W, θJC(PAD) = 10°C/W
EXPOSED PAD IS GND (PIN 17)
MUST BE SOLDERED TO GND (PIN 8)
3437EFE
3437IFE
3437HFE
LBDJ
LBDK
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN
SHDN Threshold
●
1.15
1.3
1.45
V
ISHDN
SHDN Input Current
SHDN = 12V
●
530
µA
Minimum Input Voltage (Note 3)
●
2.5
3
V
IVINS
Supply Shutdown Current
SHDN = 0V, BOOST = 0V, FB/PGFB = 0V, BIAS = 0V
0.1
2
µA
Supply Sleep Current (Note 4)
BIAS = 0V, FB = 1.35V
●
150
300
µA
FB = 1.35V
●
45
75
µA
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
SHDN
SYNC
FB
VC
BIAS
SW
VIN
BOOST
GND
CSS
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com