Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440H-R03074 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 440H-R03074
Description  Hinge Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440H-R03074 Datasheet(HTML) 3 Page - Allen-Bradley

  440H-R03074 Datasheet HTML 1Page - Allen-Bradley 440H-R03074 Datasheet HTML 2Page - Allen-Bradley 440H-R03074 Datasheet HTML 3Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3-78
Interlock Switches
Hinge Switches
Rotacam
Typical Wiring Diagrams
Connector Pinout
2 N.C. + 1 N.O.
Terminal
Contact
111
N.C.
712
621
N.C.
522
433
N.O.
334
8
Ground
Safety Circuit 1
Safety Circuit 2
Auxiliary Circuit
3
2
1
4
5
6
8
7
Contact Open
Contact Closed
Shaft rotation
11/12
21/22
33/34
50mm
6
2 N.C. + 1 N.O. (BBM)
Contact Action



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com