Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440H-R03112 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440H-R03112
Description  Hinge Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440H-R03112 Datasheet(HTML) 1 Page - Allen-Bradley

  440H-R03112 Datasheet HTML 1Page - Allen-Bradley 440H-R03112 Datasheet HTML 2Page - Allen-Bradley 440H-R03112 Datasheet HTML 3Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3-76
Interlock Switches
Hinge Switches
Rotacam
Description
A heavy-duty hinge actuated safety interlock switch, the Rotacam shaft
can be used as, or connected to, the existing hinge pin for direct
operation of the switch. Machine power is isolated when the guard
has been opened just 5°. For applications requiring a larger degree of
operation the internal cam can be adjusted from 5° to 11°.
Note:
After adjustment, the cam must be secured in position with the
supplied cam locking pin to ensure optimal performance.
The Rotacam is available with two N.C. safety contacts and one N.O.
auxiliary contact. The switch includes the necessary safety related
functions, such as forced guided contacts and a tamper resistant
mechanism, allowing machinery to be safeguarded in compliance
with the machinery directive.
The die-cast housing is sealed to IP66 and features one M20 conduit
entry (1/2in NPT and connector style also available). Two different
shaft lengths of 30mm and 85mm can also be specified.
EX and Pneumatic styles of Rotacam are also available; see the
Explosion Proof section on page 16-1 for more information.
Features
• Can be used as a hinge pin on light and medium weight guard
doors
• Isolates power within 5° of door movement
• Degree of operation can be customized with adjustable cam
• Robust die-cast case, ideal for heavy duty applications
• Contacts, 2 N.C. & 1 N.O.
Specifications
Note: The safety contacts of the Guardmaster switches are described as normally
closed (N.C.) i.e., with the guard closed, actuator in place (where relevant) and the
machine able to be started.
Fixing Methods
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119, IEC/
EN60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for
Cat. 3 or 4 systems
Approvals
CE marked for all applicable directives,
cULus, SUVA and TUV
Contact Arrangement
2 N.C. & 1 N.O. direct opening action
Utilization Cat.
AC (Ue)
(le)
DC
AC 15
500V 250V 100V
1A 2A 5A
250V 0.5A 24V 2A
Thermal Current (lth)
10A
Minimum Current
5V 5mA DC
Safety Contact Gap
>2mm (0.08in)
Rtd. Insulation Voltage
(Ui) 500V
Rtd. Impulse withstand
Voltage
(Uimp) 2500V
Shaft Rotation to Achieve
Contact Operation
11° maximum; 5° minimum, (adjustable)
Break Contact Min Force
12cNm (torque on shaft)
Max Actuation Speed
160mm per sec (6.29in)
Max Actuation Frequency
1 Cycle per sec
Case Material
Heavy duty die cast alloy
Actuator Shaft
Stainless Steel
Protection
IP66
Conduit Entry
1
× M20 or quick-disconnect style
Operating Temperature
-25°C to +80°C (-13°F to 176°F)
Fixing
2 x M4
Mounting
Any position
Mechanical Life
>1,000,000 operations
Electrical Life
>1,000,000 operations
Weight
420g (.926lb)
Colour
Red
Pre-Bored
The actuator shaft is pre-bored
allowing the existing hinge pin to be
utilised as the flexing point.
Solid Shaft
The solid actuator shaft can be
used as the hinge pin on certain
guards.
Roll Pin


Similar Part No. - 440H-R03112

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440H-H03077 ALLEN-BRADLEY-440H-H03077 Datasheet
59Kb / 2P
Explosion Proof
440H-H03100 ALLEN-BRADLEY-440H-H03100 Datasheet
59Kb / 2P
Explosion Proof
440H-P03035 ALLEN-BRADLEY-440H-P03035 Datasheet
55Kb / 1P
440H-P03035
440H-S34010 ALLEN-BRADLEY-440H-S34010 Datasheet
61Kb / 2P
Hinge Switches
440H-S34012 ALLEN-BRADLEY-440H-S34012 Datasheet
61Kb / 2P
Hinge Switches
More results

Similar Description - 440H-R03112

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440H-S34019 ALLEN-BRADLEY-440H-S34019 Datasheet
61Kb / 2P
Hinge Switches
logo
Festo Corporation.
DW-80-50-Y-AB-G FESTO-DW-80-50-Y-AB-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-75-Y-A FESTO-DW-80-75-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DW-80-100-Y-AB FESTO-DW-80-100-Y-AB Datasheet
83Kb / 2P
Hinge cylinder
DW-80-100-Y-G FESTO-DW-80-100-Y-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-125-Y-A FESTO-DW-80-125-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DWA-50-100-Y-AB-G FESTO-DWA-50-100-Y-AB-G Datasheet
85Kb / 2P
Hinge cylinder
DWA-50-100-Y-A-G FESTO-DWA-50-100-Y-A-G Datasheet
88Kb / 2P
Hinge cylinder
DWA-50-125-Y-A-G FESTO-DWA-50-125-Y-A-G Datasheet
89Kb / 2P
Hinge cylinder
DWA-50-75-Y-AB FESTO-DWA-50-75-Y-AB Datasheet
84Kb / 2P
Hinge cylinder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com