Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440H-R03088 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440H-R03088
Description  Hinge Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440H-R03088 Datasheet(HTML) 2 Page - Allen-Bradley

  440H-R03088 Datasheet HTML 1Page - Allen-Bradley 440H-R03088 Datasheet HTML 2Page - Allen-Bradley 440H-R03088 Datasheet HTML 3Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Interlock Switches
3-77
Hinge Switches
Rotacam
Product Selection
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
Safety
Contacts
Auxiliary
Contacts
BBM/MBB
Type Size
(L=Length: D-Dia)
mm (inches)
Shaft Type
Catalogue Number
M20 Conduit
M20 Conduit/
1/2in Adaptor
Quick Disconnect
2 N.C.
1 N.C.
BBM
L = 30 (1.18)
D= 16 (0.63)
Pre-Bored
440H-R03074
440H-R03078
440H-R03111
L = 85 (3.35)
D= 12.7 (0.5)
Solid
440H-R03079
440H-R03088
440H-R03112
Recommended standard cordset, 2m (6.5ft). See page 15-10 for additional lengths.
889D-F8AB-2
3.5
(0.14)
14.5
(0.57)
6.5 (0.26)
24.5
(0.96)
99 (3.9)
86 (3.39)
6.5
(0.26)
38 (1.5)
6.5
(0.26)
15.5
(0.61)
Note: Holes only on pre-bored models.
2 x holes M4
2 x holes 3.2 (0.13)
9.5
(0.37)
8
(0.31)
5 (0.2)
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com