Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440L-R4F90018-Q Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440L-R4F90018-Q
Description  Safety Light Curtains
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-R4F90018-Q Datasheet(HTML) 4 Page - Allen-Bradley

  440L-R4F90018-Q Datasheet HTML 1Page - Allen-Bradley 440L-R4F90018-Q Datasheet HTML 2Page - Allen-Bradley 440L-R4F90018-Q Datasheet HTML 3Page - Allen-Bradley 440L-R4F90018-Q Datasheet HTML 4Page - Allen-Bradley 440L-R4F90018-Q Datasheet HTML 5Page - Allen-Bradley 440L-R4F90018-Q Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Presence Sensing Safety Devices
2-49
Safety Light Curtains
Area Access Control
Approximate Dimensions—mm (inches)
Approximate Dimensions are not intended to be used for installation purposes.
50 (1.96)
116 (4.57)
156
(6.14)
34
(1.33)
65
(2.5)
65
(2.5)
14
(0.55)
17.5
(0.68)
128
(5.03)
Pg 13.5
Max Cable O.D. 8-10mm
M6 x 8
(6 places)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com