Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440L-R4F90070-Q Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440L-R4F90070-Q
Description  Safety Light Curtains
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-R4F90070-Q Datasheet(HTML) 2 Page - Allen-Bradley

  440L-R4F90070-Q Datasheet HTML 1Page - Allen-Bradley 440L-R4F90070-Q Datasheet HTML 2Page - Allen-Bradley 440L-R4F90070-Q Datasheet HTML 3Page - Allen-Bradley 440L-R4F90070-Q Datasheet HTML 4Page - Allen-Bradley 440L-R4F90070-Q Datasheet HTML 5Page - Allen-Bradley 440L-R4F90070-Q Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Presence Sensing Safety Devices
2-47
Safety Light Curtains
Area Access Control
Product Selection
1a. Selection Guide for 0.5m to 18m Range
1b. Selection Guide for 15m to 70m Range
2. Safety Relay Interfaces—Optional if additional outputs required
Note: For wiring refer to Safeguarding Applications section of this catalogue.
3. Safety Relay Interfaces—Optional
Operating Voltage
Supply Current
Connection Type
Catalogue Number
Transmitter
Receiver
24V DC
Terminal Chamber with
Cable Gland (PG13.5 thread)
440L-T4F0018-Q
440L-R4F0018-Q
120V AC
440L-T4F90018-Q
440L-R4F90018-Q
Operating Voltage
Supply Current
Connection Type
Catalogue Number
Transmitter
Receiver
24V DC
Terminal Chamber with
Cable Gland (PG13.5 thread)
440L-T4F0070-Q
440L-R4F0070-Q
120V AC
440L-T4F90070-Q
440L-R4F90070-Q
Input
Voltage
Reset
Floating
Blanking
Fixed
Blanking
PSDI
Muting
Safety
Outputs
More
Details
Catalogue Number
24V DC
Manual/
Automatic
no
no
no
no
4 amp
2 N.O.
Safety
1 N.C.
Aux.
58
440L-M8200
Relay
Input
Safety
Outputs
Auxiliary
Outputs
Terminals
Power
Supply
Reset
Catalogue
Number
MSR127RP
1NC,
2NC, or
Light Curtain
3 N.O.
1 N.C.
Removable
24V AC/DC
Automatic/Manual
440R-N23132
Monitored Manual
440R-N23135
115V AC
Automatic/Manual
440R-N23131
Monitored Manual
440R-N23134
230V AC
Automatic/Manual
440R-N23130
Monitored Manual
440R-N23133
MSR126
Light Curtain or
Single Channel
(MSR126T)
2 N.O.
None
Fixed
24V AC/DC
Automatic/Manual
440R-N23117
115V AC
440R-N23116
230V AC
440R-N23115
Dual Channel
(MSR126.1T)
24V AC/DC
440R-N23114
115V AC
440R-N23113
230V AC
440R-N23112
Light Curtain or
Single Channel
(MSR126R)
24V AC/DC
Monitored Manual
440R-N23123
115V AC
440R-N23122
230V AC
440R-N23121
Dual Channel
(MSR126.1R)
24V AC/DC
440R-N23120
115V AC
440R-N23119
230V AC
440R-N23118
MSR131RTP
Light Curtain
or
Safety Mat
3 N.O.
2 N.C.
2 PNP Solid
State
Removable
24V AC/DC
Automatic/Manual
or
Monitored Manual
440R-C23139
115V AC
440R-C23137
230V AC
440R-C23136



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com