Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4097 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4097
Description  Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4097 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4097 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4097 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kesenes.com
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
www.kexin.com.cn
Medium Power Transistor
2SC4097
Features
High ICMax.
ICMax. = 0.5A
Low VCE(sat).
Optimal for low voltage operation.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
32
V
Emitter-base voltage
VEBO
5V
Collector current
IC
0.5
A
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base voltage
VCBO
IC = 100ìA
40
V
Collector-emitter voltage
VCEO
IC =1mA
32
V
Emitter-base voltage
VEBO
IE = 100ìA
5
V
Collector cutoff current
ICBO
VCB = 20V
1
A
Emitter cutoff current
IEBO
VEB =4V
1
A
DC Current Gain
hFE
VCE =3V, IC = 10mA
120
390
Collector-emitter saturation voltage
VCE(sat) IC/IB = 500mA/50mA
0.6
V
Output capacitance
Cob
VCB = 10V, IE = 0A, f = 1MHz
6.5
pF
Transition frequency
fT
VCE =5V, IE = -20mA, f = 100MHz
250
MHz
hFE Classification
Marking
CQ
CR
hFE
120
270
180
390


Similar Part No. - 2SC4097

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4097 ROHM-2SC4097 Datasheet
74Kb / 4P
Medium Power Transistor (32V, 0.5A)
logo
SeCoS Halbleitertechnol...
2SC4097 SECOS-2SC4097 Datasheet
105Kb / 3P
Medium Power Transistor
2SC4097 SECOS-2SC4097 Datasheet
993Kb / 2P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4097 HTSEMI-2SC4097 Datasheet
1Mb / 1P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
2SC4097 WINNERJOIN-2SC4097 Datasheet
129Kb / 1P
TRANSISTOR(NPN)
More results

Similar Description - 2SC4097

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com