Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW76 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAW76
Description  Silicon Epitaxial Planar Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAW76 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAW76 Datasheet HTML 1Page - Vishay Siliconix BAW76 Datasheet HTML 2Page - Vishay Siliconix BAW76 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAW76
Vishay Telefunken
Rev. 2, 01-Apr-99
2 (3)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85551
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=100mA
VF
1
V
Reverse current
VR=50V
IR
100
nA
VR=50V, Tj=150°C
IR
100
mA
Breakdown voltage
IR=5mA, tp/T=0.01, tp=0.3ms
V(BR)
75
V
Diode capacitance
VR=0, f=1MHz, VHF=50mV
CD
1.7
2
pF
Reverse recovery time
IF=IR=10mA, iR=1mA
trr
4
ns
y
IF=10mA, VR=6V, iR=1mA,
RL=100W
trr
2
ns
Dimensions in mm
Cathode Identification
∅ 1.7 max.
∅ 0.55 max.
3.9 max.
26 min.
technical drawings
according to DIN
specifications
94 9366
Standard Glass Case
54 A 2 DIN 41880
JEDEC DO 35
Weight max. 0.3 g
26 min.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com