Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

889N-R4AE-12F Datasheet(PDF) 1 Page - Allen-Bradley

Part # 889N-R4AE-12F
Description  Cordsets and Patchcords
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

889N-R4AE-12F Datasheet(HTML) 1 Page - Allen-Bradley

  889N-R4AE-12F Datasheet HTML 1Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15-12
Connection Systems
Cordsets and Patchcords
Mini and Mini-Plus Style Quick-Disconnect, 4-pin, 5-pin, 7-pin and 8-pin Cordset
Features
• 4-, 5-, 7- and 8-pin configurations
• One-piece molded body design for application durability
• Highly visible yellow PVC jacket offers good oil and chemical
resistance
• Ratcheting coupling nut for vibration resistance
Product Selection—Mini
Female Connector (Sensor End)
Cable
Catalogue Number
Face View of Female
Connector Style
Body Size
Wire Colour
Wire Rating
Length—m (ft)
Straight
Mini
1 Black
2 Blue
3 Brown
4 White
18AWG
300V
3A
1.8 (6)
889N-F4AE-6F
3.7 (12)
889N-F4AE-12F
6.1 (20)
889N-F4AE-20F
Right Angle
1.8 (6)
889N-R4AE-6F
3.7 (12)
889N-R4AE-12F
6.1 (20)
889N-R4AE-20F
Straight
1 Black
2 Blue
3 Grey
4 Brown
5 White
1.8 (6)
889N-F5AE-6F
3.7 (12)
889N-F5AE-12F
6.1 (20)
889N-F5AE-20F
Right Angle
1.8 (6)
889N-R5AE-6F
3.7 (12)
889N-R5AE-12F
6.1 (20)
889N-R5AE-20F
Straight
Mini-Plus
1 Black
2 White
3 Blue
4 Brown
5 Grey
6 Yellow
7 Green
(5) 18AWG
(2) 20AWG
300V
3A
2 (6.5)
889N-F7AG-2
5 (16.4)
889N-F7AG-5
10 (32.8)
889N-F7AG-10
15 (49.2)
889N-F7AG-15
20 (65.6)
889N-F7AG-20
30 (98.4)
889N-F7AG-30
1 Red
2 White
3 Blue
4 Brown
5 Grey
6 Yellow
7 Green
8 Pink
18AWG
300V
3A
2 (6.5)
889N-F8AE-2
5 (16.4)
889N-F8AE-5
10 (32.8)
889N-F8AE-10
15 (49.2)
889N-F8AE-15
20 (65.6)
889N-F8AE-20
30 (98.4)
889N-F8AE-30
3
2
1
4
3
5
4
2
1
3
2
1
4
5
6
7
3
2
1
4
5
6
7
8
Specifications
Approximate Dimensions—mm (inches)
Coupling Nut
Epoxy-coated zinc
Connector
Molded oil-resistant PVC
Contacts
Gold-plated palladium/nickel
Approvals
UL recognized and CSA certified
Cable
Oil-resistant, yellow PVC jacket, 300V
Cable O.D.
4/c = 7.4mm (0.29in)
5/c = 7.4mm (0.29in)
7/c = 8.0mm (0.32in)
8/c = 9.0mm (0.35in)
Temperature
-20°C to +105°C (-4°F to +221°F)
Dimensions are approximate. Illustrations are not drawn to scale.
Straight Female
➊
55.8 (2.2)
➊ Mini: 25.4 (1.0) Dia.
Mini-Plus: 28.4 (1.12) Dia.


Similar Part No. - 889N-R4AE-12F

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
889N-F7AG-10 ALLEN-BRADLEY-889N-F7AG-10 Datasheet
263Kb / 12P
Safety Light Curtains
889N-F7AG-15 ALLEN-BRADLEY-889N-F7AG-15 Datasheet
263Kb / 12P
Safety Light Curtains
889N-F7AG-2 ALLEN-BRADLEY-889N-F7AG-2 Datasheet
263Kb / 12P
Safety Light Curtains
889N-F7AG-20 ALLEN-BRADLEY-889N-F7AG-20 Datasheet
263Kb / 12P
Safety Light Curtains
889N-F7AG-30 ALLEN-BRADLEY-889N-F7AG-30 Datasheet
263Kb / 12P
Safety Light Curtains
More results

Similar Description - 889N-R4AE-12F

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
889R-F6ACA-2 ALLEN-BRADLEY-889R-F6ACA-2 Datasheet
33Kb / 1P
Cordsets and Patchcords
889M-F12AHMU-0M3 ALLEN-BRADLEY-889M-F12AHMU-0M3 Datasheet
43Kb / 1P
Cordsets and Patchcords
889M-F12AH-2 ALLEN-BRADLEY-889M-F12AH-2 Datasheet
34Kb / 1P
Cordsets and Patchcords
889D-F4AC-2 ALLEN-BRADLEY-889D-F4AC-2 Datasheet
36Kb / 1P
Cordsets and Patchcords
logo
List of Unclassifed Man...
PS11395 ETC2-PS11395 Datasheet
195Kb / 7P
Duplex Fibre Patchcords
logo
Switchcraft, Inc.
TT1RX SWITCH-TT1RX Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD3R SWITCH-TTD3R Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD3Y SWITCH-TTD3Y Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TTD4GN SWITCH-TTD4GN Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
TT2GN SWITCH-TT2GN Datasheet
309Kb / 3P
1/4 Longframe & TT/Bantam Patchcords
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com