Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTG2 Datasheet(PDF) 14 Page - Linear Technology

Part # LTG2
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG2 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTG2 Datasheet HTML 8Page - Linear Technology LTG2 Datasheet HTML 9Page - Linear Technology LTG2 Datasheet HTML 10Page - Linear Technology LTG2 Datasheet HTML 11Page - Linear Technology LTG2 Datasheet HTML 12Page - Linear Technology LTG2 Datasheet HTML 13Page - Linear Technology LTG2 Datasheet HTML 14Page - Linear Technology LTG2 Datasheet HTML 15Page - Linear Technology LTG2 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT3464
14
3464f
SHDN
CTRL
VIN
VIN
2.3V TO 7V
VOUT
8V
SW
GND
OUT
CAP
FB
LT3464
L1
22
µH
C4
1
µF
C2
2.2
µF
C4
20pF
C3
0.47
µF
R2
1.62M
R1
301k
8
1
7
6
3
5
2
4
3464 TA07
C1: TAIYO YUDEN CE LMK107 BJ105MA-T
C2: TAIYO YUDEN CE LMK212 BJ225MG-T
C3: TAIYO YUDEN CE LMK107 BJ474MA-T
L1: MURATA LQH32CN220K
VIN (V)
IOUT (mA)
3.6
13.5
5.0
20
TYPICAL APPLICATIO S
±20V Dual Output Converter with Output Disconnect
8V Output Converter with Output Disconnect
CTRL
SHDN
VIN
VIN
2.3V TO 10V
VOUT
20V
–VOUT
–20V
SW
GND
OUT
CAP
FB
LT3464
L1
47
µH
C1
1
µF
C5
0.33
µF
C2
0.33
µF
C3
0.22
µF
R2
4.53M
R1
301k
1
8
7
6
3
5
2
4
3464 TA08
D2
D1
C4
0.33
µF
C1: TAIYO YUDEN LMK107 BJ105MA-T
C2, C4, C5: TAIYO YUDEN GMK212 BJ334MG-T
C3: TAIYO YUDEN UMK212 BJ224MG-T
L1: MURATA LQH32CN470K
D1, D2: CENTRAL CMDSH-3
IOUT = 2.5mA AT VIN = 3.6V
IOUT = 2.5mA AT VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com