Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3466 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3466
Description  White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3466 Datasheet HTML 9Page - Linear Technology LT3466 Datasheet HTML 10Page - Linear Technology LT3466 Datasheet HTML 11Page - Linear Technology LT3466 Datasheet HTML 12Page - Linear Technology LT3466 Datasheet HTML 13Page - Linear Technology LT3466 Datasheet HTML 14Page - Linear Technology LT3466 Datasheet HTML 15Page - Linear Technology LT3466 Datasheet HTML 16Page - Linear Technology LT3466 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT3466-1
34661f
APPLICATIO S I FOR ATIO
Figure 9 shows the feedback voltage variation versus the
control voltage. As seen in Figure 9, the linearity of the
graph allows the feedback voltage to be set accurately via
the control voltage.
The boost converter output voltage (VOUT2) is given by:
VV
R
R
OUT
FB
22 1
1
2
=+
⎛
⎝⎜
⎞
⎠⎟
Thus a linear change in the feedback (FB2) voltage results
in a linear change in the boost output voltage (VOUT2).
Connect the CTRL2 pin to ground to disable converter 2.
Do not leave the pin floating. Unlike the CTRL1 pin, which
has an internal 100k pull-down resistor, the CTRL2 pin
input impedance is very high (>100M
Ω). A small amount
of board leakage current is sufficient to turn on the
converter 2.
The RBASE resistor can be calculated as:
ILOAD = 30mA
I
I
h
BASE
LOAD
FE MIN
=
04
.
()
IBASE must be chosen such that Q1 is in saturation under
all conditions. The hFE(MIN) can be obtained from the
Philips BC807 data sheet as:
hFE(MIN) ≅ 100
This yields worst case IBASE as:
I
mA
mA
BASE =
≅
30
0 4 100
075
.(
)
.
RBASE is given by:
VI
R
V
V
V
IN MAX
BASE
BASE
BE Q
OUT
CE Q
(
)
()
()
+•
+
=
+
12
1
Thus R
VV
V
V
I
BASE
OUT
IN MAX
CE Q
BE Q
B
;
––
(
)
()
()
=
+
21
1
A
ASE
Figure 10. Li-Ion Powered Driver for 6 White LEDs and a
Secondary OLED Display with Output Disconnect
CTRL1
CTRL2
RT
SW1
SW2
VIN
3V TO 5V
16V
30mA
L2
33
µH
CIN
1
µF
RBASE
IBASE
VCE(SAT)
COUT1
1
µF
COUT2
0.47
µF
63.4k
1%
L1
33
µH
LT3466-1
CIN: TAIYO YUDEN JMK107BJ105
COUT1: TAIYO YUDEN GMK316BJ105
COUT2, COUT3: TAIYO YUDEN TMK316BJ474
L1, L2: TOKO D52LC
Q1: PHILIPS BC807
VOUT1
FB1
RFB1
10
Ω
R2
24.9k
R1
475k
34661 F10
VOUT2
FB2
ON
OFF
ON
OFF
COUT3
0.47
µF
Q1
+–
Figure 9. VFB2 vs VCTRL2
OUTPUT DISCONNECT
The LT3466-1 can be used for powering white LEDs
(Channel 1) and an OLED display or, LCD bias (Channel 2).
Some OLED displays require load isolation in order to
reduce the current drained from the battery in shutdown.
The LT3466-1 output can be configured to provide output
disconnect by the use of only one resistor, RBASE, and a
PNP transistor, Q1, as shown in Figure 10.
As a design example, we target a Li-Ion powered driver for
6 white LEDs and an OLED display (16V at 30mA). We can
choose a general purpose PNP switching transistor like
Philips BC807 (Q1) to provide isolation.
VCTRL2 (V)
0
400
600
2
34661 F09
200
300
500
100
0
0.4
0.8
1.6
1.2
900
800
700
VIN = 3.6V
VOUT2 = 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com