Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3477IFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3477IFE
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477IFE Datasheet(HTML) 2 Page - Linear Technology

  LT3477IFE Datasheet HTML 1Page - Linear Technology LT3477IFE Datasheet HTML 2Page - Linear Technology LT3477IFE Datasheet HTML 3Page - Linear Technology LT3477IFE Datasheet HTML 4Page - Linear Technology LT3477IFE Datasheet HTML 5Page - Linear Technology LT3477IFE Datasheet HTML 6Page - Linear Technology LT3477IFE Datasheet HTML 7Page - Linear Technology LT3477IFE Datasheet HTML 8Page - Linear Technology LT3477IFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT3477
3477fb
SW Pin Voltage ....................................................... 42V
VIN, SHDN Pin Voltage............................................ 25V
FBP, FBN Pin Voltage ................................................ 6V
VREF Pin Voltage ....................................................... 6V
RT, VC, SS Pin Voltage .............................................. 6V
IADJ1, IADJ2 Pin Voltage ........................................... 25V
ISP1, ISP2, ISN1, ISN2 Pin Voltage .............................. 42V
ABSOLUTE MAXIMUM RATINGS (Note 1)
PACKAGE/ORDER INFORMATION
Junction Temperature .......................................... 125
°C
Operating Temperature Range (Note 2)
LT3477E ............................................. – 40
°C to 85°C
LT3477I ............................................ – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)
TSSOP .............................................................. 300
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
●
2.3
2.5
V
Quiescent Current
VSHDN = 0V
0.1
1.0
µA
VSHDN = 2.5V, VC = 0.3V (Not Switching)
5.0
7.5
mA
Reference Voltage
E Grade
●
1.216
1.235
1.250
V
I Grade
●
1.210
1.235
1.260
V
Reference Voltage Line Regulation
2.5V < VIN < 25V, VC = 0.3V
0.01
0.03
%/V
Maximum VREF Pin Current
Out of Pin
100
µA
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V, VSHDN = 2.5V.
ELECTRICAL CHARACTERISTICS
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21) IS PGND (MUST BE SOLDERED TO PCB)
TJMAX = 150°C, θJA = 40°C/W
EXPOSED PAD (PIN 21) IS PGND (MUST BE SOLDERED TO PCB)
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
VIN
RT
SHDN
SS
VC
FBN
FBP
VREF
IADJ2
IADJ1
NC
NC
NC
SW
SW
GND
ISN1
ISP1
ISN2
ISP2
21
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
NC
NC
VIN
RT
SHDN
ISP1
ISN2
ISP2
IADJ1
IADJ2
LT3477EFE
LT3477IFE
ORDER PART NUMBER
LT3477EUF
LT3477IUF
Consult LTC Marketing for parts specified with wider operating temperature ranges.
UF PART MARKING
ORDER PART NUMBER
SW PART MARKING
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
3477
3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com