Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3507 Datasheet(PDF) 21 Page - Linear Technology

Part # 3507
Description  Triple Monolithic Step-Down Regulator with LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3507 Datasheet(HTML) 21 Page - Linear Technology

Back Button 3507 Datasheet HTML 17Page - Linear Technology 3507 Datasheet HTML 18Page - Linear Technology 3507 Datasheet HTML 19Page - Linear Technology 3507 Datasheet HTML 20Page - Linear Technology 3507 Datasheet HTML 21Page - Linear Technology 3507 Datasheet HTML 22Page - Linear Technology 3507 Datasheet HTML 23Page - Linear Technology 3507 Datasheet HTML 24Page - Linear Technology 3507 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3507
21
3507f
Figure 12. Subtracting the Current when the Switch is ON (12a) from the Current when the Switch is OFF (12b) Reveals the Path of the
High Frequency Switching Current (12c) Keep this Loop Small. The Voltage on the SW and Boost Nodes will also be Switched; Keep
These Nodes as Small as Possible. Finally, Make Sure the Circuit is Shielded with a Local Ground Plane
APPLICATIONS INFORMATION
Figure 13. Power Path Components and Topside Layout
VIN
SW
GND
(12a)
VIN
VSW
C1
D1
C2
3507 F12
L1
SW
GND
(12c)
VIN
SW
GND
(12b)
IC1
THERMAL CONSIDERATIONS
The high output current capability of the LT3507 will require
careful attention to power dissipation of all the components
to insure a safe thermal design. The PCB must provide
heat sinking to keep the LT3507 cool. The Exposed Pad on
the bottom of the package must be soldered to a ground
plane. This ground should be tied to other copper layers
below with thermal vias; these layers will spread the heat
dissipated by the LT3507. Place additional vias near the
catch diodes. Adding more copper to the top and bottom
layers and tying this copper to the internal planes with vias
can reduce thermal resistance further. With these steps, the
thermal resistance from die (or junction) to ambient can be
reduced to θJA = 34°C/W or less. With 100 LFPM airflow,
this resistance can fall by another 25%. Further increases
in airflow will lead to lower thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com