Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3510 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3510
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3510 Datasheet HTML 17Page - Linear Technology LT3510 Datasheet HTML 18Page - Linear Technology LT3510 Datasheet HTML 19Page - Linear Technology LT3510 Datasheet HTML 20Page - Linear Technology LT3510 Datasheet HTML 21Page - Linear Technology LT3510 Datasheet HTML 22Page - Linear Technology LT3510 Datasheet HTML 23Page - Linear Technology LT3510 Datasheet HTML 24Page - Linear Technology LT3510 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3510
21
3510fc
Figure 9
SS1
(9a)
LT3510
VOUT1
PG1
PG2
VOUT2
SS2
0.1μF
0.22μF
1.8V
3.3V
VOUT1
0.5V/DIV
VOUT2
0.5V/DIV
5ms/DIV
VOUT1
0.5V/DIV
VOUT2
0.5V/DIV
VOUT1
0.5V/DIV
VOUT2
0.5V/DIV
10ms/DIV
10ms/DIV
SS1
(9b)
LT3510
VOUT1
PG1
VOUT2
SS2
0.1μF
1.8V
3.3V
SS1
(9e)
LT3510
VOUT1
PG1
VOUT2
SS2
1.8V
3.3V
Independent Start-Up
Ratiometric Start-Up
Absolute Start-Up
SS1
(9d)
LT3510
VOUT1
PG1
VOUT2
SS2
0.1μF
0.1μF
1.8V
3.3V
R3
25k
EXTERNAL
SOURCE
Output Sequencing
Controlled Power Up and Down
+
–
SS1
(9c)
LT3510
VOUT1
PG1
VOUT2
SS2
0.22μF
1.8V
3.3V
R1
13.7k
R2
8.08k
PG2
PG2
PG1
VOUT1
0.5V/DIV
VOUT2
0.5V/DIV
VOUT1
0.5V/DIV
VOUT2
0.5V/DIV
10ms/DIV
10ms/DIV
PG1
PG1
PG2
PG2
PG1
PG1
SS1/2
PG2
PG2
PG2
PG2
3510 F09
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com