Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3513 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3513
Description  2MHz High Current 5-Output Regulator for TFT-LCD Panels
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3513 Datasheet(HTML) 5 Page - Linear Technology

  LT3513 Datasheet HTML 1Page - Linear Technology LT3513 Datasheet HTML 2Page - Linear Technology LT3513 Datasheet HTML 3Page - Linear Technology LT3513 Datasheet HTML 4Page - Linear Technology LT3513 Datasheet HTML 5Page - Linear Technology LT3513 Datasheet HTML 6Page - Linear Technology LT3513 Datasheet HTML 7Page - Linear Technology LT3513 Datasheet HTML 8Page - Linear Technology LT3513 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3513
5
3513fa
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Output Current for
VLOGIC = 3.3V
SW1 Current Limit vs Duty Cycle
Start and Run VLOGIC = 3.3V
BOOST Pin Current
SW2 Current Limit
SW3 Current Limit
SW4 Current Limit
SW1 VCESAT
SW2 VCESAT
VIN (V)
0
2.0
2.2
2.6
15
3513 G01
1.8
1.6
510
20
1.4
1.2
2.4
L = 2.4μH
L = 4.3μH
DUTY CYCLE (%)
25
0
0.5
1.0
1.5
2.0
2.5
3.0
35
45
55
65
3513 G02
75
SW1 CURRENT LIMIT
vs DUTY CYCLE
MINIMUM
LOAD CURRENT (A)
0.001
4
6
8
0.01
0.1
1
3513 G03
2
3
5
7
1
0
VIN(MIN) START
VIN(MIN) RUN
SWITCH CURRENT (mA)
0
70
60
50
40
30
20
10
0
1500
2500
3513 G04
500
1000
2000
3000
AMBIENT TEMPERATURE (°C)
–40
1.5
1.6
1.8
1.9
2.0
2.5
2.2
10
60
85
3513 G05
1.7
2.3
2.4
2.1
–15
35
110
AMBIENT TEMPERATURE (°C)
–50
300
350
400
110
3513 G06
250
200
100
–10
30
70
–30
10
50
90
150
500
450
AMBIENT TEMPERATURE (°C)
–50
300
350
400
110
3513 G07
250
200
100
–10
30
70
–30
10
50
90
150
500
450
SW1 CURRENT (mA)
0
0
200
400
600
500
1000
1500
2000
3513 G08
2500
800
1000
100
300
500
700
900
3000
ISW2 (mA)
0
200
400
600
100
300
500
400
800
1200
1600
3513 G09
2000
0
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com