Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3580 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3580
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3580 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3580 Datasheet HTML 17Page - Linear Technology LT3580 Datasheet HTML 18Page - Linear Technology LT3580 Datasheet HTML 19Page - Linear Technology LT3580 Datasheet HTML 20Page - Linear Technology LT3580 Datasheet HTML 21Page - Linear Technology LT3580 Datasheet HTML 22Page - Linear Technology LT3580 Datasheet HTML 23Page - Linear Technology LT3580 Datasheet HTML 24Page - Linear Technology LT3580 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3580
21
3580fc
TYPICAL APPLICATIONS
VFD (Vacuum Flourescent Display) Power Supply Switches at 2MHz to Avoid AM Band
Danger High Voltage! Operation by High Voltage Trained Personnel Only
D1
D5
D2
D3
D4
C5
1μF
C4
1μF
C3
1μF
L1
10μH
383k
VIN
9V TO 16V
3.3V
VIN
SW
VOUT2
95V
80mA
VOUT1
64V
40mA
3580 TA04
LT3580
R1
10Ω
R2
10Ω
45.3k
10k
SHDN
GND
FB
VC
SYNC
SS
RT
C6
1μF
C7
1μF
2.2nF
0.1μF
47pF
C2
4.7μF
C1
4.7μF
C1, C2: 4.7μF, 25V, X5R, 1206
C3-C7: 1μF, 50V, X5R, 0805
D1-D4: ON SEMICONDUCTOR MBR0540
D5: MICROSEMI UPS140
L1: SUMIDA CDR6D28MNNP-100
R1, R2: 0.5W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com