Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3592IMSE-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3592IMSE-TRPBF
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3592IMSE-TRPBF Datasheet HTML 3Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 4Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 5Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 6Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 7Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 8Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 9Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 10Page - Linear Technology LT3592IMSE-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3592
7
3592fa
PIN FUNCTIONS
RT(Pin1):Programsthefrequencyoftheinternaloscillator.
Connect a resistor from RT to ground. Refer to Table 1 or
the Typical Performance Characteristics for resistor values
that result in desired oscillator frequencies.
BRIGHT (Pin 2): Used to program a 10:1 dimming ratio
for the LED current. Drive this pin above 1.4V to command
maximum intensity or below 0.3V to command minimum
intensity. This pin can be PWMed at 150Hz for brightness
control between the 1x and 10x current levels.
SHDN (Pin 3): Used to shutdown the switching regulator
and the internal bias circuits. This pin can be PWMed at
150Hz for brightness control.
VIN (Pin 4): Supplies current to the LT3592’s internal cir-
cuitry and to the internal power switches. Must be locally
bypassed. For automotive applications, a pi network with a
cap from VIN to GND, a series inductor connected between
VIN and the power source, and another cap from the far
end of the inductor to GND is recommended.
DA (Pin 5): Allows the external catch diode current to be
sensed to prevent current runaway, such as when VIN is
high and the duty cycle is very low. Connect this pin to
the anode of the external catch Schottky diode.
SW (Pin 6): The SW pin is the output of the internal power
switch. Connect this pin to the inductor and the cathode
of the switching diode.
BOOST (Pin 7): Provides a drive voltage, higher than the
input voltage to the internal bipolar NPN power switch.
BOOST will normally be tied to the SW pin through a 0.1μF
capacitor. An internal Schottky is provided for the boost
function and an external diode is not needed. An external
Schottky diode should be connected between BOOST and
CAP for single LED applications or whenever a higher
BOOST voltage is desired.
CAP (Pin 8): Output of the step-down converter and also
an input to the LED current sense amplifier. Connect the
filter capacitor, inductor, and the top of the external LED
current sense resistor to this pin.
OUT (Pin 9): Drives the LED or LEDs and is the other
input to the LED current sense amplifier. Connect this pin
to the anode of the top LED in the string, the bottom of
the external LED current sense resistor, and the top of the
VFB resistor divider.
VFB (Pin 10): The feedback node for the output voltage
control loop. Tie this node to a resistor divider between OUT
and GND to set the maximum output voltage of the step-
down converter according to the following formula:
V
OUT = 1.21•
R1
+R2
R2
where R1 connects between OUT and VFB and R2 connects
between VFB and GND.
GND, EXPOSED PAD (Pin 11): The underside exposed
pad metal of the package provides both electrical contact
to ground and good thermal contact to the printed circuit
board. The device must be soldered to the circuit board
for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com