Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3685 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3685
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3685 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3685 Datasheet HTML 16Page - Linear Technology LT3685 Datasheet HTML 17Page - Linear Technology LT3685 Datasheet HTML 18Page - Linear Technology LT3685 Datasheet HTML 19Page - Linear Technology LT3685 Datasheet HTML 20Page - Linear Technology LT3685 Datasheet HTML 21Page - Linear Technology LT3685 Datasheet HTML 22Page - Linear Technology LT3685 Datasheet HTML 23Page - Linear Technology LT3685 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3505
21
3505fc
VIN
6V TO 36V
ON OFF
0.1
µF 3.3µH
1N4148
36.5k
10
µF
3505 TA02
22pF
1
µF
20.0k
698k
11.3k
VOUT
3.3V
MBRM140
10V
CMPZ5240B
GND
22pF
100k
BOOST
FB
VC
SW
LT3505
VIN
SHDN
RT
2.2MHz, 3.3V Step-Down Converter
TYPICAL APPLICATIONS
1.2MHz, 1.8V Step-Down Converter
VIN
3.6V TO 25V
ON OFF
0.1
µF 4.7µH
BAT54
26.1k
22
µF
3505 TA03
68pF
120pF
2.2
µF
44.2k
1.5M
20.0k
VOUT
1.8V
1.2A
60.4k
MBRM140
12V
CMPZ5242B
BOOST
FB
VC
SW
GND
LT3505
VIN
SHDN
RT
Input Voltage [V]
5
0.00
0.25
0.75
1.0
1.25
2.50
1.75
15
25
30
LTC3505 • TA02b
0.50
2.00
2.25
1.50
10
20
35
40
Switching
Frequency
Maximum
Load Current
INPUT VOLTAGE (V)
0
0.60
0.80
1.00
15
25
LT3505 • TA03b
0.40
0.20
0.00
5
10
20
1.20
1.40
1.60
Switching
Frequency
Maximum
Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com