Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3740 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3740
Description  Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3740 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3740 Datasheet HTML 9Page - Linear Technology LT3740 Datasheet HTML 10Page - Linear Technology LT3740 Datasheet HTML 11Page - Linear Technology LT3740 Datasheet HTML 12Page - Linear Technology LT3740 Datasheet HTML 13Page - Linear Technology LT3740 Datasheet HTML 14Page - Linear Technology LT3740 Datasheet HTML 15Page - Linear Technology LT3740 Datasheet HTML 16Page - Linear Technology LT3740 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3740
13
3740fc
APPLICATIONS INFORMATION
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
ΔILOAD*(ESR), where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or
discharge COUT generating a feedback error signal used
by the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability problem.
The VC pin external components shown in Figure 2 will
provide adequate compensation for most applications. For
a detailed explanation of switching control loop theory see
Application Note 76.
Step-Up Converter Inductor Selection
The step-up converter in the LT3740 provides a BIAS voltage
about 7V higher than the input voltage VIN for the top
MOSFET drive and most of the internal controller circuitry.
The step-up converter has a current limit of 400mA.
An inductor ripple current from 100mA to 200mA is a
reasonable design for the converter. For this consideration,
a 22μH or 47μH inductor is recommended for most of the
LT3740 applications. Small size and high efficiency are the
major concerns. Inductors with low core losses and small
DCR at 1MHz are good choices. Some inductors in this
category with small size are listed in Table 2.
Table 2. Recommended Inductors for Step-Up Converter
PART NUMBER
DCR (Ω)
CURRENT
RATING (MA) MANUFACTURER
LQH3C220
0.71
250
Murata
814-237-1431
www.murata.com
ELT5KT-220
0.9
420
Panasonic
714-373-7334
www.panasonic.com
CDRH3D16-220
CR32-470
0.43
0.97
400
330
Sumida
847-956-0666
www.Sumida.com
The step-up converter inductor current is the greatest
when the input voltage is the lowest. Larger Cgs of the
MOSFETs results in large inductor current. Connecting
the BGDP pin to the BIAS pin also greatly increases the
inductor current. The saturation current of the inductor
needs to cover the maximum input current.
The step-up inductor current decreases as the input voltage
increases. For high input voltages, the step-up converter
will begin skipping pulses. Although this will result in some
low frequency ripple, the BIAS voltage remains regulated
on an average basis, and the step-down controller opera-
tion is not affected.
For VIN higher than 10V step-up inductor saturation
current should be higher than 400mA. For VIN lower than
10V, a lower current rating inductor could be used. The
inductor RMS current should be higher than 250mA, and
the inductance should not be less than 10μH at 400mA.
Step-Up Converter Capacitor Selection
Thesmallsizeofceramiccapacitorsmakesthemidealforthe
output of the LT3740 step-up converter. X5R and X7R types
are recommended because they retain their capacitance
over wider voltage and temperature ranges than other types
such as Y5V or Z5U. A 1μF capacitor is recommended for
the output of the LT3740 step-up converter.
Table 3. Recommended Ceramic Capacitor Manufacturers
MANUFACTURER
PHONE
URL
Taiyo Yuden
408-573-4150
www.t-yuden.com
Murata
814-237-1431
www.murata.com
Kemet
408-986-0424
www.kemet.com
Design Example
As a design example, take a supply with the following
specifications: VIN = 7V to 20V (15V nominal), VOUT = 2.5V
± 5%, IOUT(MAX) = 10A. First, choose the inductor for about
30% ripple current at nominal VIN:
L
=
2.5V
(300kHz) • 0.3 • 10A
•1–
2.5V
15V
⎛
⎝⎜
⎞
⎠⎟
= 2.3μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com