Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3750 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3750
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology LT3750 Datasheet HTML 10Page - Linear Technology LT3750 Datasheet HTML 11Page - Linear Technology LT3750 Datasheet HTML 12Page - Linear Technology LT3750 Datasheet HTML 13Page - Linear Technology LT3750 Datasheet HTML 14Page - Linear Technology LT3750 Datasheet HTML 15Page - Linear Technology LT3750 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT3750
3750fa
TYPICAL APPLICATIO S
300V, 6A Capacitor Charger
6A Charging Efficiency
6A Charge Time
VCC
DONE
CHARGE
RVOUT
RDCM
GATE
SOURCE
VTRANS
60.4k
T1
1:10
D1
VOUT
300V
VTRANS
VCC
12V
•
•
C4
100
µF
43k
12m
Ω
M1
3750 TA03a
LT3750
GND
RBG
100k
2.49k
100pF
OFF ON
C1
10
µF
C2
10
µF
C3
56
µF
×2
+
C1: 25V X5R OR X7R CERAMIC CAPACITOR
C2: 25V X5R OR X7R CERAMIC CAPACITOR
C3: 25V SANYO OS-CON 25SVP56M
C4: 330V RUBYCON PHOTOFLASH CAPACITOR
D1: DIODES INC. MURS160
M1: PHILIPS PHT6NQ10T
T1: TDK DCT20EFD-U32S003 FLYBACK TRANSFORMER
3, 4, 5, 6
7, 8, 9, 10
1
12
VOUT (V)
0
50
60
70
80
90
100
50
100
150
200
3750 TA03b
250
300
VTRANS = 18V
VTRANS = 6V
VTRANS = 12V
TIME (SECONDS)
0
0
50
100
150
200
250
300
0.1
0.2
0.3
0.4
3750 TA03c
0.5
VTRANS = 18V
VTRANS = 6V
VTRANS = 12V
NMOS DRAIN
CURRENT
2A/DIV
NMOS DRAIN
VOLTAGE
20V/DIV
5
µs/DIV
3750 TA03d
Typical Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com